Electronic Components Datasheet Search
  English  ▼

X  

RF2376 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2376
Description  CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2376 Datasheet(HTML) 7 Page - RF Micro Devices

  RF2376 Datasheet HTML 1Page - RF Micro Devices RF2376 Datasheet HTML 2Page - RF Micro Devices RF2376 Datasheet HTML 3Page - RF Micro Devices RF2376 Datasheet HTML 4Page - RF Micro Devices RF2376 Datasheet HTML 5Page - RF Micro Devices RF2376 Datasheet HTML 6Page - RF Micro Devices RF2376 Datasheet HTML 7Page - RF Micro Devices RF2376 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary
4-49
RF2376
Rev A2 010829
4
IGC versus VGC
(VCC=3.0V, VGC=2.0V to 0.0V)
-3000.0
-2500.0
-2000.0
-1500.0
-1000.0
-500.0
0.0
500.0
1000.0
1500.0
0.
0
0.
1
0.
2
0.
3
0.
4
0.
5
0.
6
0.
7
0.
8
0.
9
1.
0
1.
1
1.
2
1.
3
1.
4
1.
5
1.
6
1.
7
1.
8
1.
9
2.
0
VGC (V)
Igc [uA]
Gain & OIP3 versus VGC
(CDMA Frequency 836MHz, VCC=3.0V, VGC=2.0V to 0.0V)
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
0.00.1 0.20.3 0.40.5 0.60.7 0.80.9 1.01.1 1.21.3 1.41.5 1.61.7 1.81.9 2.0
VGC (V)
Gain [dB]
OIP3 [dBm]
Gain versus Input Power
(Frequency 836MHz, VCC=3.0V)
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
Input Power (dBm)
Gain[dB]@Vgc 2.0V
Gain[dB]@Vgc 1.5V
Gain[dB]@Vgc 1.0V
Gain[dB]@Vgc 0.5V
Gain[dB]@Vgc 0.3V
Output Power versus Input Power
(Frequency 836MHz, VCC=3.0V, VGC=2.0V)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
Input Power (dBm)
Pout[dBm]@Vgc 2.0V
Pout[dBm]@Vgc 1.5V
Pout[dBm]@Vgc 1.0V
Pout[dBm]@Vgc .5V
Pout[dBm]@Vgc 0.3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com