Electronic Components Datasheet Search
  English  ▼

X  

RF2376 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2376
Description  CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2376 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2376 Datasheet HTML 1Page - RF Micro Devices RF2376 Datasheet HTML 2Page - RF Micro Devices RF2376 Datasheet HTML 3Page - RF Micro Devices RF2376 Datasheet HTML 4Page - RF Micro Devices RF2376 Datasheet HTML 5Page - RF Micro Devices RF2376 Datasheet HTML 6Page - RF Micro Devices RF2376 Datasheet HTML 7Page - RF Micro Devices RF2376 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
4-48
RF2376
Rev A2 010829
4
Gain versus VGC (CDMA)
(Frequency 836MHz @ -18dBm, VCC=3.0V, VGC=2.0V to 0.0V)
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
0.00.1 0.20.3 0.40.5 0.60.7 0.80.9 1.01.1 1.21.3 1.41.5 1.61.7 1.81.9 2.0
VGC (V)
Gain[dB]@-40C
Gain[dB]@+25C
Gain[dB]@+85C
Noise Figure versus VGC @ Room Temperature
(Frequency 836MHz, VCC=3.0V, VGC=2.0V to 0.5V)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.50.6 0.70.8 0.91.0
1.1
1.2
1.3
1.4
1.51.6 1.71.8 1.92.0
VGC (V)
NF [dB]
VSWR versus VGC @ Room Temperature
(Frequency 836MHz, VCC=3.0V, VGC=2.0V to 0.1V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
VGC (V)
RF INPUT PORT [S11]
RF OUTPUT PORT [S22]
ACPR versus VGC (CDMA)
(Frequency 836MHz @ -18dBm, VCC=3.0V, VGC=2.0V to 0.0V)
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
VGC (V)
ACPR[dBc]@-40C
ACPR[dBc]@+25C
ACPR[dBc]@+85C
Alternate Channel Power versus VGC (CDMA)
(Frequency 836MHz @ -18dBm, VCC=3.0V, VGC=2.0V to 0.0V)
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.00.1 0.20.3 0.40.5 0.60.7 0.80.9 1.01.1 1.21.3 1.41.5 1.61.7 1.81.9 2.0
VGC (V)
Altr.Ch.Power[dBc]@-40C
Altr.Ch.Power[dBc]@+25C
Altr.Ch.Power[dBc]@+85C
Gain versus VGC (SingleToneTest)
(RF Frequency 836MHz @ -17dBm, VCC=3.0V, VGC=2.0V to 0.0V)
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
VGC (V)
Gain [dB] @ -40C
Gain [dB] @ +25C
Gain [dB] @ +85C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com