Electronic Components Datasheet Search
  English  ▼

X  

RF2416 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2416
Description  DUAL-BAND 2.7V LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2416 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2416 Datasheet HTML 2Page - RF Micro Devices RF2416 Datasheet HTML 3Page - RF Micro Devices RF2416 Datasheet HTML 4Page - RF Micro Devices RF2416 Datasheet HTML 5Page - RF Micro Devices RF2416 Datasheet HTML 6Page - RF Micro Devices RF2416 Datasheet HTML 7Page - RF Micro Devices RF2416 Datasheet HTML 8Page - RF Micro Devices RF2416 Datasheet HTML 9Page - RF Micro Devices RF2416 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Preliminary
4-204
RF2416
Rev A2 010810
4
Application Notes
Bypass Mode Configurations
The RF2416 may be placed into either high gain or bypass mode via the HB SELECT and LB SELECT pins for high
band and low band operation, respectively. The high gain state is selected by asserting the select pin for the appropriate
band to a voltage level of less than 0.8V. For Bypass operation, there are two possible methods for placing the RF2416
into this low gain state. The table below shows the two possible Bypass states for each mode.
RF2416 Bypass Mode Possibilities
For both Bypass configurations, the select pin for the appropriate band must be placed at a level greater than or equal to
1.8 V. The difference between the Bypass possibilities is determined by the specific application’s ability to change the
voltage of the bias pins independently of VCC. The advantage of the ability to assert the bias pins to 0V when in Bypass
mode is shown by the decreased current draw when in this Bypass configuration.
Gain Select
(HB Mode)
HB BIAS (V)
VCC1_HB and
VCC2_HB (V)
Current (mA)
2.7
0
2.78
1.4
2.7
2.7
2.78
1.9
Gain Select
(LB Mode)
LB BIAS (V)
VCC1_LB (V)
Current (mA)
2.7
0
2.78
0.8
2.7
2.7
2.78
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com