Electronic Components Datasheet Search
  English  ▼

X  

RF2416 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2416
Description  DUAL-BAND 2.7V LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2416 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2416 Datasheet HTML 1Page - RF Micro Devices RF2416 Datasheet HTML 2Page - RF Micro Devices RF2416 Datasheet HTML 3Page - RF Micro Devices RF2416 Datasheet HTML 4Page - RF Micro Devices RF2416 Datasheet HTML 5Page - RF Micro Devices RF2416 Datasheet HTML 6Page - RF Micro Devices RF2416 Datasheet HTML 7Page - RF Micro Devices RF2416 Datasheet HTML 8Page - RF Micro Devices RF2416 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
4-199
4
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
HB IN
HB BIAS
HB OUT
LB SELECT
10
11
12
1
3
2
6
5
4
9
8
7
LB BIAS
HB SELECT
Logic
Control
RF2416
DUAL-BAND 2.7V LOW NOISE AMPLIFIER
• GSM/DCS Dual-Band Handsets
• Cellular/PCS Dual-Band Handsets
• General Purpose Amplification
• Commercial and Consumer Systems
The RF2416 is a dual-band low noise amplifier with
bypass switch designed for use as a front-end for
950MHz GSM and DCS1800/PCS1900 applications. It
may also be used for dual-band cellular/PCS application.
The 900MHz LNA is a single-stage amplifier with bypass
switch; the 1800/1900 LNA is a two-stage amplifier with
bypass switch. Both amplifiers have excellent noise figure
and high linearity in both high gain and bypass/low gain
mode. Thedeviceis packaged ina3mmx3 mm, 12pin,
leadless chip carrier.
• Low Noise and High Intercept Point
• Dual-Band Application GSM900 and
DCS1800/PCS1900
• Power Down Control
•Switchable Gain
RF2416
Dual-Band 2.7V Low Noise Amplifier
RF2416 PCBA
Fully Assembled Evaluation Board
4
Rev A2 010810
Dimensions in mm.
12°
max
1.00
0.85
3.00
sq.
1.25
0.95
sq.
2
0.30
0.18
0.50
0.23
0.13
4PLCS
0.80
0.65
NOTES:
Shaded Pin is Lead 1.
1
Dimension applies to plated terminal and is measured between 0.02 mm and
0.25 mm from terminal end.
2
5
Die thickness allowable: 0.305 mm max.
Package Warpage: 0.05 mm max.
4
Pin 1 identifier must exist on top surface of package by identification mark or
feature on the package body. Exact shape and size is optional.
3
0.65
0.30
4PLCS
0.60
0.24 typ
0.75
0.50
0.05
0.01
Package Style: LCC, 12-Pin, 3x3


Similar Part No. - RF2416

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2411 RFMD-RF2411 Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411 Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411 Datasheet
441Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2416

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2363 RFMD-RF2363 Datasheet
167Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2368 RFMD-RF2368 Datasheet
191Kb / 8P
DCS/PCS 2.7V LOW NOISE AMPLIFIER
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
logo
TriQuint Semiconductor
TGA1307-EPU TRIQUINT-TGA1307-EPU Datasheet
745Kb / 7P
Ka Band Low Noise Amplifier
logo
RF Micro Devices
RF2363 RFMD-RF2363_06 Datasheet
198Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363_1 Datasheet
341Kb / 12P
DUAL-BAND 3V LOW NOISE AMPLIFIER
logo
United Monolithic Semic...
CHA1077A UMS-CHA1077A Datasheet
508Kb / 8P
W-band Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4508 TRIQUINT-TGA4508_15 Datasheet
359Kb / 11P
Ka Band Low Noise Amplifier
logo
United Monolithic Semic...
CHA1077A UMS-CHA1077A_15 Datasheet
127Kb / 6P
W-band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com