Electronic Components Datasheet Search
  English  ▼

X  

RF2416 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2416
Description  DUAL-BAND 2.7V LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2416 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2416 Datasheet HTML 2Page - RF Micro Devices RF2416 Datasheet HTML 3Page - RF Micro Devices RF2416 Datasheet HTML 4Page - RF Micro Devices RF2416 Datasheet HTML 5Page - RF Micro Devices RF2416 Datasheet HTML 6Page - RF Micro Devices RF2416 Datasheet HTML 7Page - RF Micro Devices RF2416 Datasheet HTML 8Page - RF Micro Devices RF2416 Datasheet HTML 9Page - RF Micro Devices RF2416 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary
4-205
RF2416
Rev A2 010810
4
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
10
11
12
1
3
2
6
5
4
9
8
7
Logic
Control
C1
33 nF
50
Ωµstrip
J1
HB IN
R1
0
Ω
C2
0.1
µF
HB BIAS
C3
0.1
µF
LB BIAS
L2
6.8 nH
C4
33 nF
50
Ωµstrip
J2
LB IN
C7
2.0 pF
50
Ωµstrip
J3
LB OUT
VCC1 LB
C8
0.1
µF
LB SELECT
C9
0.1
µF
HB SELECT
L4
3.3 nH
C10
0.7 pF
50
Ωµstrip
J4
HB OUT
VCC1 HB
L5
1.0 nH
VCC1 HB
L7
1.0 nH
R2
0
Ω
L1
47 nH
50
Ωµstrip
R3
0
Ω
L6
3.3 nH
C13
0.1
µF
C14
100 pF
2416310, rev. 3
L3
8.2 nH
C5
0.1
µF
C6
100 pF
C11
0.1
µF
C12
100 pF
P2
1
2
3
CON3
P2-3
LB SELECT
GND
P2-1
HB SELECT
P1
1
2
3
CON3
P1-1
HB BIAS
GND
P1-3
LB BIAS
P3
1
2
3
CON3
GND
P3-3
VCC1 LB
P3-1
VCC1 HB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com