Electronic Components Datasheet Search
  English  ▼

X  

RF2444 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2444
Description  HIGH FREQUENCY LNA/MIXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2444 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2444 Datasheet HTML 8Page - RF Micro Devices RF2444 Datasheet HTML 9Page - RF Micro Devices RF2444 Datasheet HTML 10Page - RF Micro Devices RF2444 Datasheet HTML 11Page - RF Micro Devices RF2444 Datasheet HTML 12Page - RF Micro Devices RF2444 Datasheet HTML 13Page - RF Micro Devices RF2444 Datasheet HTML 14Page - RF Micro Devices RF2444 Datasheet HTML 15Page - RF Micro Devices RF2444 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
8-66
RF2444
Rev A3 010717
8
LNA Gain versus RF Frequency (3.3 V),
Attenuator On
-5.50
-5.30
-5.10
-4.90
-4.70
-4.50
-4.30
-4.10
-3.90
-3.70
2.40
2.45
2.50
RF Frequency (GHz)
-40C Gain
25C Gain
85C Gain
LNA IIP3 versus RF Frequency (3.3 V),
Attenuator On
-2.90
-2.80
-2.70
-2.60
-2.50
-2.40
-2.30
-2.20
-2.10
-2.00
-1.90
2.40
2.45
2.50
RF Frequency (GHz)
-40C IIP3
25C IIP3
85C IIP3
LNA Noise Figure versus VCC (2.45 GHz),
Attenuator Off
2.10
2.12
2.14
2.16
2.18
2.20
2.22
2.24
2.26
2.28
2.30
2.32
2.70
3.00
3.30
3.60
VCC
-40C NF
25C NF
85C NF
LNA Noise Figure versus RF Frequency (3.3 V),
Attenuator Off
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.40
2.45
2.50
RF Frequency (GHz)
-40C NF
25C NF
85C NF
LNA Noise Figure versus VCC (2.45 GHz),
Attenuator On
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
2.7
3.0
3.3
3.6
VCC
-40C NF
25C NF
85C NF
LNA Noise Figure versus RF Frequency (3.3 V),
Attenuator On
5.00
5.50
6.00
6.50
7.00
7.50
8.00
8.50
9.00
2.40
2.45
2.50
RF Frequency (GHz)
-40C NF
25C NF
85C NF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com