Electronic Components Datasheet Search
  English  ▼

X  

RF2444 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2444
Description  HIGH FREQUENCY LNA/MIXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2444 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2444 Datasheet HTML 6Page - RF Micro Devices RF2444 Datasheet HTML 7Page - RF Micro Devices RF2444 Datasheet HTML 8Page - RF Micro Devices RF2444 Datasheet HTML 9Page - RF Micro Devices RF2444 Datasheet HTML 10Page - RF Micro Devices RF2444 Datasheet HTML 11Page - RF Micro Devices RF2444 Datasheet HTML 12Page - RF Micro Devices RF2444 Datasheet HTML 13Page - RF Micro Devices RF2444 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
8-62
RF2444
Rev A3 010717
8
LNA + Mixer Gain versus VCC (2.45 GHz),
Attenuator Off
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
33.0
2.73.0
3.33.6
VCC
-40C Gain
25C Gain
85C Gain
LNA + Mixer IIP3 versus VCC (2.45 GHz),
Attenuator Off
-31.0
-30.0
-29.0
-28.0
-27.0
-26.0
-25.0
-24.0
2.73.0
3.33.6
VCC
-40C IIP3
25C IIP3
85C IIP3
LNA + Mixer Gain versus RF Frequency (3.3 V),
Attenuator Off
26.00
27.00
28.00
29.00
30.00
31.00
32.00
33.00
34.00
2.40
2.45
2.50
RF Frequency (GHz)
-40C Gain
25C Gain
85C Gain
LNA + Mixer IIP3 versus RF Frequency (3.3V),
Attenuator Off
-32.00
-31.00
-30.00
-29.00
-28.00
-27.00
-26.00
-25.00
-24.00
2.40
2.45
2.50
RF Frequency (GHz)
-40C IIP3
25C IIP3
85C IIP3
LNA + Mixer Gain versus VCC (2.45 GHz),
Attenuator On
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
2.73.0
3.33.6
VCC
-40C Gain
25C Gain
85C Gain
LNA + Mixer IIP3 versus VCC (2.45 GHz),
Attenuator On
-10.4
-10.2
-10.0
-9.8
-9.6
-9.4
-9.2
-9.0
-8.8
-8.6
2.7
3.0
3.3
3.6
VCC
-40C IIP3
25C IIP3
85C IIP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com