Electronic Components Datasheet Search
  English  ▼

X  

RF2444 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2444
Description  HIGH FREQUENCY LNA/MIXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2444 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2444 Datasheet HTML 1Page - RF Micro Devices RF2444 Datasheet HTML 2Page - RF Micro Devices RF2444 Datasheet HTML 3Page - RF Micro Devices RF2444 Datasheet HTML 4Page - RF Micro Devices RF2444 Datasheet HTML 5Page - RF Micro Devices RF2444 Datasheet HTML 6Page - RF Micro Devices RF2444 Datasheet HTML 7Page - RF Micro Devices RF2444 Datasheet HTML 8Page - RF Micro Devices RF2444 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
8-57
RF2444
Rev A3 010717
8
Pin
Function
Description
Interface Schematic
13
NC
14
NC
15
LNA OUT
RF signal output for external 50
Ω filtering.The use of a filter here is
optional but does provide for lower noise floor and better out-of-band
rejection.
See pin 16.
16
VCC4
Supply voltage for the LNA. This pin should be bypassed with a 10 pF
capacitor to ground as close to the pin as possible. The shunt induc-
tance from this pin to ground via the supply decoupling must be tuned
to match the LNA output to 50
Ω at the desired operating frequency.
P2
LNA IN
BIAS
VCC4
P1
GAIN SEL
P15
LNA OUT
EXTERNAL
DECOUPLING
Microstrip
-16 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com