Electronic Components Datasheet Search
  English  ▼

X  

RF2449 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2449
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2449 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2449 Datasheet HTML 1Page - RF Micro Devices RF2449 Datasheet HTML 2Page - RF Micro Devices RF2449 Datasheet HTML 3Page - RF Micro Devices RF2449 Datasheet HTML 4Page - RF Micro Devices RF2449 Datasheet HTML 5Page - RF Micro Devices RF2449 Datasheet HTML 6Page - RF Micro Devices RF2449 Datasheet HTML 7Page - RF Micro Devices RF2449 Datasheet HTML 8Page - RF Micro Devices RF2449 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary
8-77
RF2449
Rev A4 001016
8
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Cascade (Mode 3)
(LNA Gain Low, Mix Gain High)
With -3dB image rejection filter.
Gain
3.5
dB
3k
Ω balanced IF load.
Noise Figure
16
dB
Single sideband.
IIP3
+11.8
dBm
Cascade (Mode 4)
(LNA Gain Low, Mix Gain Low)
With -3dB image rejection filter.
Gain
-5
dB
3k
Ω balanced IF load.
Noise Figure
22.5
dB
Single sideband.
IIP3
+16.0
+18.0
dBm
Power Supply
Voltage
2.65
2.75
3.9
V
Power Down Current
10
µA
Enable<1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com