Electronic Components Datasheet Search
  English  ▼

X  

RF2449 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2449
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2449 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2449 Datasheet HTML 1Page - RF Micro Devices RF2449 Datasheet HTML 2Page - RF Micro Devices RF2449 Datasheet HTML 3Page - RF Micro Devices RF2449 Datasheet HTML 4Page - RF Micro Devices RF2449 Datasheet HTML 5Page - RF Micro Devices RF2449 Datasheet HTML 6Page - RF Micro Devices RF2449 Datasheet HTML 7Page - RF Micro Devices RF2449 Datasheet HTML 8Page - RF Micro Devices RF2449 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Preliminary
8-78
RF2449
Rev A4 001016
8
Pin
Function
Description
Interface Schematic
1
ENABLE
This pin is used to enable or disable the RF2449. A logic high (> 2.0V)
enables the circuitry. A logic low (<1.0V) disables the circuitry.
2
IP SET
Controls the setting of the LNA current. A logic low (< 1.0V) selects the
internal resistance (49.5k
Ω), resulting in an LNA current of 3.5mA. A
logic high (>2.0V) selects the external resistance at pin 12.
3
IF SEL
Determines which IF port is active. A logic low (< 1.0V) activates IF1
and deactivates IF2. A logic high (> 2.0V) activates IF2 and deactivates
IF1.
4
LNA GAIN
Controls the bypass feature of the LNA. A logic low (< 1.0V) selects the
bypass mode. A logic high (>2.0V) turns on the LNA.
5
MIX GAIN
Controls the bypass feature of the mixer pre-amp. A logic low (< 1.0V)
selects the bypass mode. A logic high (>2.0V) turns on the pre-amp.
6
LNA IN
LNA input pin.
7
VCC1
VCC pin for all circuits except the LO.
8
GND1B
LNA ground pin.
See pin 6.
9
GND1A
Package ground pin.
10
LNA OUT
LNA output pin.
See pin 6.
11
ISET2
An external resistor connected to this pin sets the current of the pre-
amp and the mixer.
12
ISET1
An external resistor connected to this pin sets the current of the LNA
when IP SET is high (see pin 2).
13
GND3B
Ground pin for pre-amp circuit.
14
MIX IN
Mixer pre-amp input pin.
See pin 13.
15
GND3A
Ground pin for the mixer circuits.
16
IF1+
First differential output pin for the first mixer.
ENABLE
IP SET
IF SEL
LNA GAIN
MIX GAIN
MIX GAIN
LNA OUT
GND1B
MIX IN
GND3B
VCC2
IF1-
IF1+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com