Electronic Components Datasheet Search
  English  ▼

X  

RF2449 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2449
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2449 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2449 Datasheet HTML 1Page - RF Micro Devices RF2449 Datasheet HTML 2Page - RF Micro Devices RF2449 Datasheet HTML 3Page - RF Micro Devices RF2449 Datasheet HTML 4Page - RF Micro Devices RF2449 Datasheet HTML 5Page - RF Micro Devices RF2449 Datasheet HTML 6Page - RF Micro Devices RF2449 Datasheet HTML 7Page - RF Micro Devices RF2449 Datasheet HTML 8Page - RF Micro Devices RF2449 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8-75
8
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
!
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ENABLE
IP SET
IF SEL
LNA GAIN
MIX GAIN
LNA IN
VCC1
GND1B
GND1A
LNA OUT
LO IN
GND2
GND2
VCC2
IF2+
IF2-
BYPASS
IF1-
IF1+
GND3A
MIX IN
GND3B
RF2449
CDMA/FM LOW NOISE AMPLIFIER/MIXER
900MHZ DOWNCONVERTER
• CDMA/FM Cellular Systems
• Supports Dual-Mode CDMA/AMPS
• Supports Dual-Mode CDMA/TACS
• General Purpose Downconverter
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2449 is a receiver front-end designed for the
receive section of dual-mode CDMA/FM cellular applica-
tions. It is designed to amplify and downconvert RF sig-
nals, while providing 30 dB of stepped gain control range.
Features include digital control of LNA gain, mixer gain,
LNA IIP3, and power down mode. Another feature of the
chip is adjustable IIP3 of the LNA and mixer using an off-
chip current setting resistor. The LNA IIP3 can be digitally
controlled between two levels to reduce current draw in
CDMA standby and other conditions where high IIP3 is
not required. Noise Figure, IP3, and other specs are
designed to be compatible with the IS-98 specification for
CDMA cellular communications. The IC is manufactured
on an advanced Silicon Bipolar process and packaged in
an SSOP-24.
• Complete Receiver Front-End
• Stepped LNA/Mixer Gain Control
• Adjustable LNA/Mixer Bias Current
• Adjustable LNA/Mixer IIP3
• Digital LNA IIP3 Control
• Meets IS-98 IMD and Single Tone
RF2449
CDMA/FM Low Noise Amplifier/Mixer 900MHz
Downconverter
RF2449 PCBA
Fully Assembled Evaluation Board
8
Rev A4 001016
8°MAX
0°MIN
1
0.050
0.016
0.0098
0.0075
0.2440
0.2284
0.025
0.012
0.008
0.0688
0.0532
0.157
0.150
0.0098
0.0040
0.344
0.337
Package Style: SSOP-24


Similar Part No. - RF2449

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442 Datasheet
201Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442 Datasheet
311Kb / 12P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442PCBA-H RFMD-RF2442PCBA-H Datasheet
201Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442PCBA-H RFMD-RF2442PCBA-H Datasheet
311Kb / 12P
HIGH-LINEARITY LOW NOISE AMPLIFIER
More results

Similar Description - RF2449

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com