Electronic Components Datasheet Search
  English  ▼

X  

RF2451 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2451
Description  3V LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2451 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2451 Datasheet HTML 1Page - RF Micro Devices RF2451 Datasheet HTML 2Page - RF Micro Devices RF2451 Datasheet HTML 3Page - RF Micro Devices RF2451 Datasheet HTML 4Page - RF Micro Devices RF2451 Datasheet HTML 5Page - RF Micro Devices RF2451 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-248
RF2451
Rev A8 000822
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
4.0
V
Supply Current
20
mA
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 27° C, VCC=2.7V, VIPSET=0V,
VENABLE=2.7V
Frequency Range
700 to 2000
MHz
LNA Performance
Freq=1.95GHz
Gain
10.5
12.5
dB
Noise Figure
1.6
dB
Input IP3
+4.5
+8
dBm
At 2.9mA
Input VSWR
5:1
dB
(Noise match)
Output VSWR
1.5:1
dB
Off Mode Gain
-5.0
dB
VENABLE=0V
Gain
17
dB
Freq=836MHz
Noise Figure
1.6
dB
Input IP3
0
dBm
Off Mode Gain
-8
dB
VENABLE=0V
Current Control
Internal current setting “ON”
CMOS Low
V
Voltage on IPSET
External current setting “ON”
CMOS High
V
Voltage on IPSET
Current into ISELECT
1
µAV
ISELECT=2.7 V
Power Control
Power “ON” Voltage
CMOS High
V
Voltage on ENABLE
Power “OFF” Voltage
CMOS Low
V
Voltage on ENABLE
Current into ENABLE
1
µAV
ENABLE=2.7 V
Power Supply
Operating Voltage
2.7 to 3.6
V
Operating Current
2.9
5
mA
VCC=2.7V, Internal current setting
Leakage Current
1
µAV
ENABLE=0 V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com