Electronic Components Datasheet Search
  English  ▼

X  

RF2451 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2451
Description  3V LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2451 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2451 Datasheet HTML 1Page - RF Micro Devices RF2451 Datasheet HTML 2Page - RF Micro Devices RF2451 Datasheet HTML 3Page - RF Micro Devices RF2451 Datasheet HTML 4Page - RF Micro Devices RF2451 Datasheet HTML 5Page - RF Micro Devices RF2451 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-247
4
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
!
SiGe HBT
Si CMOS
8
7
6
5
RF IN
GND1
GND2
IPSET
1
2
3
4
RF OUT
ISET
VCC
ENABLE
Bias Circuits
RF2451
3V LOW NOISE AMPLIFIER
• GSM Handsets
• CDMA Handsets
• TDMA Handsets
• IF or RF Buffer Amplifiers
• Driver Stage for Power Amplifiers
• Oscillator Loop Amplifiers
The RF2451 is a general purpose, low-cost, high perfor-
mance low noise amplifier designed for operation from a
2.7V to 4V supply with low current consumption. The
attenuation of the device is controlled when in power
down mode, providing a known gain step. The RF2451 is
available in a small industry-standard MSOP-8 surface
mount package, enabling compact designs which con-
serve board space. The design features accurate PTAT
(Proportional To Absolute Temperature) biasing scheme
using band gap cells.
• 700MHz to 2000MHz Operation
• 2.7V to 3.6V Single Supply
• +5dBm Input IP3 at 3.0mA
• 12dB Gain at 1950MHz
• 1.8dB Noise Figure at 1950MHz
• 17dB Gain Step
RF2451
3V Low Noise Amplifier
RF2451 PCBA
Fully Assembled Evaluation Board
4
Rev A8 000822
.026
.120
.116
10°MAX
0°MIN
.009
.005
.120
.116
.196
.190
1
.016
.010
.036
.032
.006
.002
.027
.017
Package Style: MSOP-8


Similar Part No. - RF2451

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2456 RFMD-RF2456 Datasheet
261Kb / 8P
CDMA/FM DOWNCONVERTER
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
3V PCS DOWNCONVERTER
More results

Similar Description - RF2451

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2374 RFMD-RF2374 Datasheet
159Kb / 8P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370_1 Datasheet
291Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_11 Datasheet
654Kb / 11P
3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com