Electronic Components Datasheet Search
  English  ▼

X  

RF2466 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2466
Description  3V CDMA/FM MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2466 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2466 Datasheet HTML 1Page - RF Micro Devices RF2466 Datasheet HTML 2Page - RF Micro Devices RF2466 Datasheet HTML 3Page - RF Micro Devices RF2466 Datasheet HTML 4Page - RF Micro Devices RF2466 Datasheet HTML 5Page - RF Micro Devices RF2466 Datasheet HTML 6Page - RF Micro Devices RF2466 Datasheet HTML 7Page - RF Micro Devices RF2466 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6-9
RF2466
Rev A7 010717
6
Pin
Function
Description
Interface Schematic
1GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
2
IF SELECT
Control line for IF out select. A logic “low” enables the FM output. A
logic “high” enables the CDMA output. The threshold voltage is 1.6V,
and the pin draws less than 50
µA when selected.
3PD
Power down pin. A logic “low” (< 1.6V) turns the part off. A logic “high”
(>1.6V) turns the part on. In addition, pin 2 (IF SELECT) should also be
taken low during power down.
4LO+
Mixer LO balanced input pin. For single-ended input operation, this pin
is used as an input and pin 5 is bypassed to ground.
5LO-
Same as pin 4 except complementary input.
See pin 4.
6GND
Ground connection for the mixer. For best performance, keep traces
physically short and connect immediately to ground plane.
7
MIXER IN
Mixer RF input pin. This pin is internally DC-biased and should be DC
blocked if connected to a device with DC present. External matching
network sets RF and IF impedance for optimum performance.
8BYPASS
Internal voltage reference. External RF and IF bypassing is required.
The trace length between the pin and the bypass capacitors should be
minimized. The ground side of the bypass capacitors should connect
immediately to ground plane.
9GND
Same as pin 1.
10
GND
Same as pin 1.
11
VCC
Supply voltage for the mixers, bias circuits, and control logic. External
RF and IF bypassing is required. The trace length between the pin and
the bypass capacitors should be minimized. The ground side of the
bypass capacitors should connect immediately to ground plane.
12
FM-
Same as pin 13, except complimentary output. For typical single ended
operation, this pin is connected directly to VCC.
See pin 13.
13
FM+
FM IF output pin. This is a balanced output, but is typically used as a
single-ended output. The internal circuitry, in conjunction with an exter-
nal matching/bias inductor to VCC, sets the operating impedance. This
inductor is typically incorporated in the matching network between the
output and IF filter. The net output impedance, including the external
inductor, is about 870
Ω at 85MHz. Because this pin is biased to V
CC,a
DC blocking capacitor must be used if the IF filter input has a DC path
to ground. See Application Schematic.
14
GND
Same as pin 1.
15
CDMA+
CDMA IF output pin. This is a balanced output. The internal circuitry, in
conjunction with an external matching/bias inductor to VCC, sets the
operating impedance. This inductor is typically incorporated in the
matching network between the output and IF filter. The net output
impedance, including the external inductor, at 85MHz is higher than
1k
Ω, even though the part is designed to drive a 1kΩ load. Because
this pinis biasedto VCC, a DC blocking capacitor must be used if the IF
filter input has a DC path to ground. See Application Schematic.
16
CDMA-
Same as pin 15, except complementary output.
See pin 15.
C1
50 k
Ω
PD
50 k
Ω
LO IN+
LO IN-
MIX IN
LO OUT
VCC2
BIAS
IF2-
IF2+
2.1 k
Ω
8.5 pF
IF1-
IF1+
1.2
pF
1.2
pF
GND2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com