Electronic Components Datasheet Search
  English  ▼

X  

RF2466 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2466
Description  3V CDMA/FM MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2466 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2466 Datasheet HTML 1Page - RF Micro Devices RF2466 Datasheet HTML 2Page - RF Micro Devices RF2466 Datasheet HTML 3Page - RF Micro Devices RF2466 Datasheet HTML 4Page - RF Micro Devices RF2466 Datasheet HTML 5Page - RF Micro Devices RF2466 Datasheet HTML 6Page - RF Micro Devices RF2466 Datasheet HTML 7Page - RF Micro Devices RF2466 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6-12
RF2466
Rev A7 010717
6
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
9
7
6
5
8
12
10
11
4
3
2
1
16
15
14
13
17
T1
**XFMER
R1
33
Ω
R2
68
Ω
50
Ωµstrip
J3
CDMA IF1
L2
390 nH
L4
3.3 uH
VCC
IF SEL
ENABLE
C3
9pF
L3
3.3 uH
C5
33 nF
VCC
C6
10 pF
L5
8.2 nH
C7
3.0 pF
50
Ωµstrip
J1
LO IN
C9
33 nF
C8
33 nF
L6
15 nH
50
Ωµstrip
J2
MIXER IN
L7
15 nH
L8*
TBD
50
Ωµstrip
1
4
3
6
F1
GND GND
GND GND
L1
150 nH
C1
33 nF
J3
R3
10
Ω
VCC
C2
10 pF
50
Ωµstrip
J4
FM IF2
**Core: Fair-Rite Balun #2865002402
L12: 3 turns #30 AWG (Green)
L34: 12 turns #32 AWG (Red)
One turn = one pass through BOTH holes.
Winding starts and finishes on same end of core.
L12 and L34 exit opposite ends of core.
F1: filter
2466400 Rev A
R4
200
Ω
0
0
Off
0
1
Off
1
0
FM
1
1
CDMA
Enable
IF Select
Stage
C4
9pF
P2-3
ENABLE
GND
P2-1
IF SEL
P2
1
2
3
P1
1
2
3
P1-3
NC
GND
P1-1
VCC
C10
1uF
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com