Electronic Components Datasheet Search
  English  ▼

X  

RF2466 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2466
Description  3V CDMA/FM MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2466 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2466 Datasheet HTML 1Page - RF Micro Devices RF2466 Datasheet HTML 2Page - RF Micro Devices RF2466 Datasheet HTML 3Page - RF Micro Devices RF2466 Datasheet HTML 4Page - RF Micro Devices RF2466 Datasheet HTML 5Page - RF Micro Devices RF2466 Datasheet HTML 6Page - RF Micro Devices RF2466 Datasheet HTML 7Page - RF Micro Devices RF2466 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6-11
RF2466
Rev A7 010717
6
Application Schematic
9
7
6
5
8
12
10
11
4
3
2
1
16
15
14
13
33 nF
15 nH
15 nH
MIX IN
LO IN
8.2 nH
3.3 pF
L
V
CC
FM
Saw
Filter
L
L
L
CDMA
Saw
Filter
200
Ω
10 pF
IF SELECT
PD
33 nF
1
µF
FM IF OUT
CDMA IF OUT
33 nF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com