Electronic Components Datasheet Search
  English  ▼

X  

RF2475 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2475
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER WITH FREQUENCY DOUBLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2475 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2475 Datasheet HTML 8Page - RF Micro Devices RF2475 Datasheet HTML 9Page - RF Micro Devices RF2475 Datasheet HTML 10Page - RF Micro Devices RF2475 Datasheet HTML 11Page - RF Micro Devices RF2475 Datasheet HTML 12Page - RF Micro Devices RF2475 Datasheet HTML 13Page - RF Micro Devices RF2475 Datasheet HTML 14Page - RF Micro Devices RF2475 Datasheet HTML 15Page - RF Micro Devices RF2475 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Preliminary
8-100
RF2475
Rev A2 010918
8
LNA1 Gain versus Frequency
Gain Select=High, VCC=2.8 V
16.0
17.0
18.0
19.0
20.0
21.0
865.0
870.0
875.0
880.0
885.0
890.0
895.0
900.0
Frequency (MHz)
+25°C Gain
-40°C Gain
+85°C Gain
LNA1 Gain versus Supply Voltage
Gain Select=High, 882 MHz
16.0
17.0
18.0
19.0
20.0
21.0
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
Supply Voltage (V)
+25°C Gain
-40°C Gain
+85°C Gain
LNA1 Noise Figure versus Frequency
Gain Select=High, VCC=2.8 V
0.0
0.5
1.0
1.5
2.0
2.5
865.0
870.0
875.0
880.0
885.0
890.0
895.0
900.0
Frequency (MHz)
LNA1 Input IP3 versus Frequency
Gain Select=High, -40 dBm per tone, 1 MHz Separation, VCC=2.8 V
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
865.0
870.0
875.0
880.0
885.0
890.0
895.0
900.0
Frequency (MHz)
+25°C IIP3
-40°C IIP3
+85°C IIP3
LNA1 Input IP3 versus Supply Voltage
Gain Select=High, 882/883 MHz, -40dBm per tone
-3.0
-2.0
-1.0
0.0
1.0
2.0
2.62.7
2.82.9
3
3.1
3.23.3
3.4
Supply Voltage (V)
+25°C IIP3
-40°C IIP3
+85°C IIP3
LNA1 Noise Figure versus Supply Voltage
Gain Select=High, 882 MHz
0.0
0.5
1.0
1.5
2.0
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com