Electronic Components Datasheet Search
  English  ▼

X  

RF2475 Datasheet(PDF) 19 Page - RF Micro Devices

Part # RF2475
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER WITH FREQUENCY DOUBLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2475 Datasheet(HTML) 19 Page - RF Micro Devices

Back Button RF2475 Datasheet HTML 12Page - RF Micro Devices RF2475 Datasheet HTML 13Page - RF Micro Devices RF2475 Datasheet HTML 14Page - RF Micro Devices RF2475 Datasheet HTML 15Page - RF Micro Devices RF2475 Datasheet HTML 16Page - RF Micro Devices RF2475 Datasheet HTML 17Page - RF Micro Devices RF2475 Datasheet HTML 18Page - RF Micro Devices RF2475 Datasheet HTML 19Page - RF Micro Devices RF2475 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Preliminary
8-107
RF2475
Rev A2 010918
8
LO Isolation
Low Band Cascaded Configuration, Supply Voltage=2.8 V
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
500.0
600.0
700.0
800.0
900.0
1000.0
1100.0
1200.0
1300.0
Frequency (MHz)
LO1-IFout
LO1-LNA1in
LO Isolation
High Band Cascaded Configuration, Supply Voltage=2.8 V
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
700.0
800.0
900.0
1000.0
1100.0
1200.0
1300.0
Frequency (MHz)
LO1-IFout
LO1-LNA2in
LO Doubler Isolation
High Band Cascaded Configuration, Supply Voltage=2.8 V
-100.0
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
1500.0
1700.0
1900.0
2100.0
2300.0
2500.0
Frequency (MHz)
LO1(X2)-IFout
LO1(X2)-LNA2in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com