Electronic Components Datasheet Search
  English  ▼

X  

RF2475 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF2475
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER WITH FREQUENCY DOUBLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2475 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF2475 Datasheet HTML 12Page - RF Micro Devices RF2475 Datasheet HTML 13Page - RF Micro Devices RF2475 Datasheet HTML 14Page - RF Micro Devices RF2475 Datasheet HTML 15Page - RF Micro Devices RF2475 Datasheet HTML 16Page - RF Micro Devices RF2475 Datasheet HTML 17Page - RF Micro Devices RF2475 Datasheet HTML 18Page - RF Micro Devices RF2475 Datasheet HTML 19Page - RF Micro Devices RF2475 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Preliminary
8-105
RF2475
Rev A2 010918
8
LNA2 + Mixer2 Input IP3 versus Frequency
RX Mode, Gain Select=High, 1960/1961 MHz, -40 dBm per tone, VCC=2.8 V, LO PIN=-7 dBm
-16.0
-15.0
-14.0
-13.0
-12.0
-11.0
-10.0
-9.0
1920.0
1930.0
1940.0
1950.0
1960.0
1970.0
1980.0
1990.0
2000.0
Frequency (MHz)
+25°C IIP3
-40°C IIP3
+85°C IIP3
LNA1 + Mixer1 SSB Noise Figure versus Supply Voltage
RX Mode, Gain Select=High, VCC=2.8 V, LO PIN=-7 dBm
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
Supply Voltage (V)
LNA1+Mixer1 Input IP3 versus Supply Voltage
RX Mode, Gain Select=High, 882/883 MHz, -40 dBm per tone, LO PIN=-7 dBm
-12.0
-11.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
Supply Voltage (V)
+25°C IIP3
-40°C IIP3
+85°C IIP3
LNA2+Mixer2 Gain versus Supply Voltage
RX Mode, Gain Select=High, 1960 MHz, LO PIN=-7 dBm
20.0
22.0
24.0
26.0
28.0
30.0
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
Supply Voltage (V)
+25°C Gain
-40°C Gain
+85°C Gain
LNA2 + Mixer2 Gain versus Frequency
RX Mode, Gain Select=High, VCC=2.8 V, LO PIN=-7 dBm
20.0
22.0
24.0
26.0
28.0
30.0
1920.0
1930.0
1940.0
1950.0
1960.0
1970.0
1980.0
1990.0
2000.0
Frequency (MHz)
+25°C Gain
-40°C Gain
+85°C Gain
LNA2 + Mixer2 SSB Noise Figure versus Frequency
RX Mode, Gain Select=High, VCC=2.8 V, LO PIN=-7 dBm
0.0
1.0
2.0
3.0
4.0
1920.0
1930.0
1940.0
1950.0
1960.0
1970.0
1980.0
1990.0
2000.0
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com