Electronic Components Datasheet Search
  English  ▼

X  

RF2484 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2484
Description  DIRECT QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2484 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2484 Datasheet HTML 2Page - RF Micro Devices RF2484 Datasheet HTML 3Page - RF Micro Devices RF2484 Datasheet HTML 4Page - RF Micro Devices RF2484 Datasheet HTML 5Page - RF Micro Devices RF2484 Datasheet HTML 6Page - RF Micro Devices RF2484 Datasheet HTML 7Page - RF Micro Devices RF2484 Datasheet HTML 8Page - RF Micro Devices RF2484 Datasheet HTML 9Page - RF Micro Devices RF2484 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Preliminary
5-34
RF2484
Rev A2 010829
5
CDMA/W-CDMA Test Setup
General
The above setup was used to evaluate the RF2484
under CDMA and W-CDMA modulation conditions.
Due to test equipment limitations, a DC-level shifting
board was required to provide the appropriate DC ref-
erence voltage (4.1 V) for the I and Q pins. I and Q
were driven single-endedly; differential drive may
improve performance. A PC-controlled Rohde &
Schwarz AMIQ generated the CDMA I and Q signals.
In order to reduce AMIQ noise contributions to adja-
cent channel power, W-CDMA baseband signals were
filtered using a high order low pass filter before appli-
cation to the RF2484.
EVM, Phase Error, and Rho
To measure EVM, phase error, and Rho, signals were
generated using the AMIQ and decoded with the Agi-
lent VSA. For CDMA Cellular and PCS, I and Q input
signals were generated with the Pilot Channel active,
32x oversampling and base station equifilters. For W-
CDMA, the Common Pilot Channel was active with 8x
oversampling and a root cosine filter. In all cases, rela-
tive signal amplitude levels were adjusted to optimize
signal quality.
CDMA Modulation Setup (Cellular and PCS)
To measure ACPR, I and Q input signals were gener-
ated using the following settings:
•
Pilot Channel active
•
Sync Channel active
•
Paging Channel active
•
6 Traffic Channels active
•
32x Oversampling
•
Base Station equifilter
W-CDMA Modulation Setup
To measure W-CDMA ACPR, I and Q input signals
were generated using the following settings in the
AMIQ:
•
P-CPICH (Common Pilot Channel) active
•
P-SCH (Sync Channel) active
•
P-CCPCH (Primary Common Control Physical
Channel) active
•
P-ICH (Page Indicator Channel) Active
•
DL-DPCCH (Dedicated Physical Control Channel)
active
•
6 DPCH (Dedicated Physical Channels) active
•8x Oversampling
Rohde & Schwarz
AMIQ 1110.2003.02
RF2484 DC Level Shift
Control Board
RF2484
Evaluation Board
Rohde & Schwarz
FSIQ 1119.6001.26
Hewlett-Packard
8665B
ISIG
RF OUT
LO IN
I REF
QSIG
QREF
Agilent 66332A
VCC
VPD
Hewlett-Packard
6624A
Agilent 89441
Vector Signal Analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com