Electronic Components Datasheet Search
  English  ▼

X  

RF2484 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2484
Description  DIRECT QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2484 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2484 Datasheet HTML 2Page - RF Micro Devices RF2484 Datasheet HTML 3Page - RF Micro Devices RF2484 Datasheet HTML 4Page - RF Micro Devices RF2484 Datasheet HTML 5Page - RF Micro Devices RF2484 Datasheet HTML 6Page - RF Micro Devices RF2484 Datasheet HTML 7Page - RF Micro Devices RF2484 Datasheet HTML 8Page - RF Micro Devices RF2484 Datasheet HTML 9Page - RF Micro Devices RF2484 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary
5-36
RF2484
Rev A2 010829
5
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
VCC
VREF/QREF
IREF
C8
100 nF
C7
3pF
C6
100 nF
C5
3pF
C2
100 nF
C1
3pF
C3
3pF
C4
100 nF
J2
LO
J1
RFOUT
VCC
J4
QSIG
J3
ISIG
R1a*
0
Ω
R1
0
Ω
U1
-45°
+45°
5
13
12
11
10
14
7
8
6
9
15
16
1
2
3
4
Σ
P1
1
2
3
CON3
P1-1
VCC
GND
GND
P2
1
2
3
CON3
P2-3
IREF
GND
P2-1
VREF/QREF
2484400-
NOTES:
1. R1 is installed for non-independent control of I and Q
reference voltages.
R1a gives independent control of reference voltages.
2. Components with * following the reference designator
should not be populated on the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com