Electronic Components Datasheet Search
  English  ▼

X  

RF2484 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2484
Description  DIRECT QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2484 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2484 Datasheet HTML 2Page - RF Micro Devices RF2484 Datasheet HTML 3Page - RF Micro Devices RF2484 Datasheet HTML 4Page - RF Micro Devices RF2484 Datasheet HTML 5Page - RF Micro Devices RF2484 Datasheet HTML 6Page - RF Micro Devices RF2484 Datasheet HTML 7Page - RF Micro Devices RF2484 Datasheet HTML 8Page - RF Micro Devices RF2484 Datasheet HTML 9Page - RF Micro Devices RF2484 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Preliminary
5-38
RF2484
Rev A2 010829
5
RF2484 Cellular CDMA Spectra at Various Output Levels
(ACPR @ 885kHz, Vcc = 5.0V, Vref = 4.1V, T = 25°C)
-100
-90
-80
-70
-60
-50
-40
-30
-20
877.5
878
878.5
879
879.5
880
880.5
881
881.5
882
882.5
Frequency (MHz)
CP = -10.6 dBm;
ACPR = -70 dBc
CP = -12.0 dBm;
ACPR = -72 dBc
CP = -14.7 dBm;
ACPR = -73 dBc
CP = -9.5 dBm;
ACPR = -68 dBc
Note: Below ~-90dBm,
test setup noise inhibits accurate
ACP measurement.
RF2484 Output Power versus I, Q Input Voltage Level
(Vcc = 5.0V, Vref = 4.1V, T = 25°C, Single Sideband)
-20
-15
-10
-5
0
5
0
200
400
600
800
1000
1200
1400
1600
I, Q Input Voltage Level (mVp)
880 MHz
1960 MHz
2140 MHz
RF2484 PCS CDMA Spectra at Various Output Levels
(ACPR @ 885 kHz, Vcc = 5.0V, Vref = 4.1V, T = 25°C)
-100
-90
-80
-70
-60
-50
-40
-30
-20
1957.5 1958 1958.5 1959 1959.5 1960 1960.5 1961 1961.5 1962 1962.5
Frequency (MHz)
CP = -12.9 dBm;
ACPR = -72 dBc
CP = -14.3 dBm;
ACPR = -73 dBc
CP = -11.1 dBm;
ACPR = -71 dBc
RF2484 Output Channel Power vs I, Q Input Voltage Level
(Vcc = 5.0V, Vref = 4.1V, T = 25°C, CDMA/W-CDMA Mod.)
-30
-25
-20
-15
-10
-5
250
500
750
1000
1250
1500
1750
2000
2250
2500
I, Q Input Voltage Level (mVpp)
880 MHz CDMA Signal
1960 MHz CDMA Signal
2140 MHz W-CDMA Signal



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com