Electronic Components Datasheet Search
  English  ▼

X  

RF2492 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2492
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2492 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2492 Datasheet HTML 10Page - RF Micro Devices RF2492 Datasheet HTML 11Page - RF Micro Devices RF2492 Datasheet HTML 12Page - RF Micro Devices RF2492 Datasheet HTML 13Page - RF Micro Devices RF2492 Datasheet HTML 14Page - RF Micro Devices RF2492 Datasheet HTML 15Page - RF Micro Devices RF2492 Datasheet HTML 16Page - RF Micro Devices RF2492 Datasheet HTML 17Page - RF Micro Devices RF2492 Datasheet HTML 18Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Preliminary
8-46
RF2492
Rev A4 010828
8
LNA Low Band Gain, Noise Figure and IIP3 versus ICC
LNA Only (LNA High Gain)
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
2.0
4.0
6.0
8.0
10.0
12.0
ICC (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Gain (dB)
IIP3 (dBm)
NF (dB)
Resistor (R6) versus ICC (mA)
LNA Low Band Only (LNA High Gain)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
2.00
4.00
6.00
8.00
10.00
12.00
ICC (mA)
LNA High Band Gain, Noise Figure and IIP3 versus ICC
LNA Only (LNA High Gain)
-10.00
-5.00
0.00
5.00
10.00
15.00
20.00
2.00
4.00
6.00
8.00
10.00
12.00
ICC (mA)
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
Gain (dB)
IIP3 (dBm)
NF (dB)
Resistor (R6) versus ICC (mA)
LNA HighBandOnly(LNA High Gain)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
2.0
4.0
6.0
8.0
10.0
12.0
ICC (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com