Electronic Components Datasheet Search
  English  ▼

X  

RF2492 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2492
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2492 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2492 Datasheet HTML 3Page - RF Micro Devices RF2492 Datasheet HTML 4Page - RF Micro Devices RF2492 Datasheet HTML 5Page - RF Micro Devices RF2492 Datasheet HTML 6Page - RF Micro Devices RF2492 Datasheet HTML 7Page - RF Micro Devices RF2492 Datasheet HTML 8Page - RF Micro Devices RF2492 Datasheet HTML 9Page - RF Micro Devices RF2492 Datasheet HTML 10Page - RF Micro Devices RF2492 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Preliminary
8-39
RF2492
Rev A4 010828
8
Pin
Function
Description
Interface Schematic
25
PCS LNA
OUT
High-band LNA output (collector). Small external inductance required
for best impedance match to 50
Ω.
26
VCC2
High-band LNA power supply connection. Small series inductance
required.
27
GND2
High-band LNA emitter. Low-inductance ground required.
28
GND2
Same as pin 27.
29
GND2
Same as pin 27.
30
PCS LNA IN High-band LNA input (base). Simple external matching required for
best performance.
31
BAND SEL
Logic input. High selects high-band operation; low selects low-band
operation.
Diode to VCC and Ground.
CMOS logic interface.
32
X2 ENABLE Logic input. High enables LO doubler; low disables LO doubler.
Diode to VCC and Ground.
CMOS logic interface.
Die
Flag
GND
Low inductance ground connection critical to proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com