Electronic Components Datasheet Search
  English  ▼

X  

RF2492 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2492
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2492 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2492 Datasheet HTML 1Page - RF Micro Devices RF2492 Datasheet HTML 2Page - RF Micro Devices RF2492 Datasheet HTML 3Page - RF Micro Devices RF2492 Datasheet HTML 4Page - RF Micro Devices RF2492 Datasheet HTML 5Page - RF Micro Devices RF2492 Datasheet HTML 6Page - RF Micro Devices RF2492 Datasheet HTML 7Page - RF Micro Devices RF2492 Datasheet HTML 8Page - RF Micro Devices RF2492 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Preliminary
8-35
RF2492
Rev A4 010828
8
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Mixer Isolation
LO to RF
40
42
dB
Mixer RF amp ON
LO to RF
33.5
35
dB
Mixer RF amp OFF
RF to LO
56.5
63
dB
Mixer RF amp ON
RF to LO
54.5
60.5
dB
Mixer RF amp OFF
LO to IF1
24
36.5
dB
Mixer RF amp ON
LO to IF2
28
42
dB
Mixer RF amp ON
IF1 to RF
50
51
dB
Mixer RF amp ON
RF to IF1
43.5
44.5
dB
Mixer RF amp ON
IF2 to RF
49.5
50.5
dB
Mixer RF amp ON
RF to IF2
43
45
dB
Mixer RF amp ON
Cascade (LNA On)
IF Select= 1, 3dB RF Filter Insertion Loss
Gain
24.5
dB
LNA set for max IIP3; Mixer RF amp ON
24
dB
LNA set for Nominal IIP3; Mixer RF amp ON
15.9
dB
LNA set for max IIP3; Mixer RF amp OFF
15.4
dB
LNA set for Nominal IIP3; Mixer RF ampOFF
Noise Figure
2.8
dB
LNA set for max IIP3; Mixer RF amp ON
2.7
dB
LNA set for Nominal IIP3; Mixer RF amp ON
5.3
dB
LNA set for max IIP3; Mixer RF amp OFF
5.4
dB
LNA set for Nominal IIP3; Mixer RF ampOFF
Input IP3
-6.5
dBm
LNA set for max IIP3; Mixer RF amp ON
-6.4
dBm
LNA set for Nominal IIP3; Mixer RF amp ON
+1.1
dBm
LNA set for max IIP3; Mixer RF amp OFF
0
dBm
LNA set for Nominal IIP3; Mixer RF ampOFF
Cascade (LNA Off)
IF Select= 1, 3dB RF Filter Insertion Loss
Gain
2.5
dB
Mixer RF amp ON
-6.0
dB
Mixer RF amp OFF
Noise Figure
17.4
dB
Mixer RF amp ON
24.5
dB
Mixer RF amp OFF
Input IP3
+14.5
dBm
Mixer RF amp ON
+19.0
dBm
Mixer RF amp OFF
PCS Band
Freq= 1930MHz to 1990MHz
LNA (On)
RF = 1960MHz and 1961MHz
Gain
13.0
14.8
dB
LNA set for max IIP3
13.0
14.0
dB
LNA set for Nominal IIP3
Noise Figure
1.5
1.9
dB
LNA set for max IIP3
1.7
1.8
1.9
dB
LNA set for Nominal IIP3
Input IP3
+7.0
+9.0
dBm
LNA set for max IIP3
+0.5
+3.5
dBm
LNA set for Nominal IIP3
LNA (Off)
Gain
-7.0
-5.5
dB
Noise Figure
6.0
6.2
6.5
dB
Input IP3
+20.0
+25.0
dBm
Mixer
RF = 1960MHz, LO= 1035MHz@ -5dBm,
IF Select= 1 (IF1)
Gain
11.5
12.5
dB
Mixer RF amp ON;
ZLOAD=1kΩ single-ended
2.0
3.5
dB
Mixer RF amp OFF
Noise Figure
8.0
8.5
9.0
dB
Mixer RF amp ON
15.0
15.5
16.0
dB
Mixer RF amp OFF
Input IP3
+4.0
+6.0
dBm
Mixer RF amp ON
+14.0
+16.0
dBm
Mixer RF amp OFF
LO Input Level
-5
dBm
Specifications
-10
+3
dBm
Usable range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com