Electronic Components Datasheet Search
  English  ▼

X  

RF2504 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2504
Description  VCO/HIGH-ISOLATION BUFFER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2504 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2504 Datasheet HTML 1Page - RF Micro Devices RF2504 Datasheet HTML 2Page - RF Micro Devices RF2504 Datasheet HTML 3Page - RF Micro Devices RF2504 Datasheet HTML 4Page - RF Micro Devices RF2504 Datasheet HTML 5Page - RF Micro Devices RF2504 Datasheet HTML 6Page - RF Micro Devices RF2504 Datasheet HTML 7Page - RF Micro Devices RF2504 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary
12-2
RF2504
Rev A2 010117
12
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.8
VDC
Power Down Voltage (VPD)-0.5 to +5.8
VDC
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Operating Frequency
700 to 1500
MHz
915MHz Operation
T=25 °C, VCC=2.7V, ZLOAD=50Ω,
VPD=2.7V
Output Power
-6
dBm
2nd Harmonic
-8
dBc
3rd Harmonic
-19
dBc
Load Pulling
200
kHz
Into 1.67VSWR Load
VCC Pushing
4.7
MHz/V
Phase Noise
-104
dBc
100kHz Offset. Better phase noise is achiev-
able at the expense of output power.
-83
dBc
10kHz Offset
Power Supply
Operating Voltage
2.2 to 5.0
VDC
At 2.2V and -40°C, output power will be
reduced to typically -11dBm.
Supply Current
5.5
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com