Electronic Components Datasheet Search
  English  ▼

X  

RF2504 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2504
Description  VCO/HIGH-ISOLATION BUFFER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2504 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2504 Datasheet HTML 1Page - RF Micro Devices RF2504 Datasheet HTML 2Page - RF Micro Devices RF2504 Datasheet HTML 3Page - RF Micro Devices RF2504 Datasheet HTML 4Page - RF Micro Devices RF2504 Datasheet HTML 5Page - RF Micro Devices RF2504 Datasheet HTML 6Page - RF Micro Devices RF2504 Datasheet HTML 7Page - RF Micro Devices RF2504 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
12-6
RF2504
Rev A2 010117
12
Evaluation Board Schematic
915MHz Operation
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
8
7
6
5
PD
C1
100 pF
C8
10
µF
VCC
C2
100 pF
C7
10
µF
RF OUT
J1
VCC
C3
100 pF
C9
10
µF
C4
100 pF
L2
12 nH
R1
47 k
Ω
C6
100 pF
2504400-
P1-1
P1-3
P1
VCC
GND
PD
1
2
3
L1
27 nH
C5
100 pF
D1*
P2-1
NC
P2
GND
VTUNE
1
2
3
VTUNE
*Alpha SMV1235-011



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com