Electronic Components Datasheet Search
  English  ▼

X  

RF2504 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2504
Description  VCO/HIGH-ISOLATION BUFFER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2504 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2504 Datasheet HTML 1Page - RF Micro Devices RF2504 Datasheet HTML 2Page - RF Micro Devices RF2504 Datasheet HTML 3Page - RF Micro Devices RF2504 Datasheet HTML 4Page - RF Micro Devices RF2504 Datasheet HTML 5Page - RF Micro Devices RF2504 Datasheet HTML 6Page - RF Micro Devices RF2504 Datasheet HTML 7Page - RF Micro Devices RF2504 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
12-1
12
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
VCC1
RES
GND1
NC
PD
GND2
RF OUT
VCC2
RF2504
VCO/HIGH-ISOLATION BUFFER AMPLIFIER
• 2-Way Paging
• ISM Band Systems
• Wireless Local Loop Systems
• GPS Receivers
• Cellular Systems
• Low Voltage Applications
The RF2504 is an integrated oscillator and buffer ampli-
fier chain designed to achieve extremely low sensitivity to
fluctuations in load impedance and power supply noise,
thereby greatly reducing load pulling and pushing. The IC
offers great flexibility, yet is easy to use. This product was
designed for use in applications with low supply voltages.
It has a power-down feature and is designed to operate
from 700MHz to 1500 MHz with the help of an external
resonator. Frequency control is achieved with an external
varactor diode. The IC’s ease of use, reduced load pull-
ing, small size, and low cost make it an ideal LO (Local
Oscillator) for almost any wireless application.
• High-Isolation / Reduced Load Pulling
• Low Current Consumption
• -6dBm Output Power
• Digitally Controlled Power Down Mode
• 700MHz to 1500MHz Operating Range
• Single 2.2V to 5V Supply
RF2504
VCO/High-Isolation Buffer Amplifier
RF2504 PCBA
Fully Assembled Evaluation Board
12
Rev A2 010117
0.244
0.229
0.157
0.150
0.018
0.014
0.050
0.068
0.053
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding
mold flash.
3. Lead coplanarity -
0.005 with respect to datum "A".
Dimensions in mm
0.196
0.189
0.008
0.004
-A-
8° MAX
0° MIN
0.034
0.016
0.009
0.007
Package Style: SOIC-8


Similar Part No. - RF2504

ManufacturerPart #DatasheetDescription
logo
Mersen
RF250/RL250 MERSEN-RF250/RL250 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
RF Micro Devices
RF2506 RFMD-RF2506 Datasheet
77Kb / 6P
VHF/UHF VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
Adam Technologies, Inc.
RF250D0050 ADAM-TECH-RF250D0050 Datasheet
154Kb / 1P
RF CONNECTORS
RF250D0075 ADAM-TECH-RF250D0075 Datasheet
154Kb / 1P
RF CONNECTORS
RF250DAS50 ADAM-TECH-RF250DAS50 Datasheet
154Kb / 1P
RF CONNECTORS
More results

Similar Description - RF2504

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2301 RFMD-RF2301 Datasheet
198Kb / 10P
HIGH ISOLATION BUFFER AMPLIFIER
RF2506 RFMD-RF2506 Datasheet
77Kb / 6P
VHF/UHF VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
BOWEI Integrated Circui...
HE406 BOWEI-HE406 Datasheet
98Kb / 1P
VCO with built-in buffer amplifier
HE714 BOWEI-HE714 Datasheet
84Kb / 1P
VCO with built-in buffer amplifier
HE716 BOWEI-HE716 Datasheet
84Kb / 1P
VCO with built-in buffer amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-565P8 AVAGO-MGA-565P8 Datasheet
312Kb / 12P
High Isolation Buffer Amplifier
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
20 dBm Psat High Isolation Buffer Amplifier
logo
Analog Devices
HMC6380LC4B AD-HMC6380LC4B Datasheet
439Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
HMC6475LC4B AD-HMC6475LC4B Datasheet
583Kb / 4P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
logo
Broadcom Corporation.
MGA-565P8 BOARDCOM-MGA-565P8 Datasheet
312Kb / 12P
20 dBm Psat High Isolation Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com