Electronic Components Datasheet Search
  English  ▼

X  

RF2617 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2617
Description  3V CDMA/FM RECEIVE AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2617 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2617 Datasheet HTML 1Page - RF Micro Devices RF2617 Datasheet HTML 2Page - RF Micro Devices RF2617 Datasheet HTML 3Page - RF Micro Devices RF2617 Datasheet HTML 4Page - RF Micro Devices RF2617 Datasheet HTML 5Page - RF Micro Devices RF2617 Datasheet HTML 6Page - RF Micro Devices RF2617 Datasheet HTML 7Page - RF Micro Devices RF2617 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
10-20
RF2617
Rev B4 010717
10
Application Schematic
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
GAIN
CONTROL
IN
SEL.
10 nF
CDMA-
FM IN
CDMA+
IF IN
SELECT
4.7 k
GC
10 nF
L1
L1
V
CC
OUT+
OUT-
V
CC
R2
500
C1
C2
Measurement
Reference Plane
Z
LOAD=500 Ω
Z
S=500 Ω
Z
IN, EFF=500 Ω
Z
IN=1 kΩ
Z
S=850 Ω
Z
S, EFF=333 Ω
Z
IN=850 Ω
Measurement
Reference Plane
Z
LOAD,EFF=250 Ω
Z
OUT=500 Ω
R1 sets the CDMA balanced input impedance. The effective input impedance is then 500
Ω.
R2 sets the balanced output impedance to 500
Ω. L1 and C2 serve dual purposes. L1 serves
as an output bias choke, and C2 serves as a series DC block. In addition, the values of L1
and C2 may be chosen to form an impedance matching network of the load impedance is not
500
Ω. Otherwise, the values of L1 and C1 are chosen to form a parallel-resonant tank circuit
at the IF when the load impedance is 500
Ω.
10 nF
10 nF
FM IF Filter
CDMA IF Filter
R1
1k
C2
C1
C2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com