Electronic Components Datasheet Search
  English  ▼

X  

RF2617 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2617
Description  3V CDMA/FM RECEIVE AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2617 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2617 Datasheet HTML 1Page - RF Micro Devices RF2617 Datasheet HTML 2Page - RF Micro Devices RF2617 Datasheet HTML 3Page - RF Micro Devices RF2617 Datasheet HTML 4Page - RF Micro Devices RF2617 Datasheet HTML 5Page - RF Micro Devices RF2617 Datasheet HTML 6Page - RF Micro Devices RF2617 Datasheet HTML 7Page - RF Micro Devices RF2617 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
10-21
RF2617
Rev B4 010717
10
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GAIN
CONTROL
IN
SEL.
C7
10 nF
P2-1
C8
10 nF
R1
1k
Ω
C1
10 nF
C2
10 nF
C3
15 pF
C4
15 pF
T1
50
Ω µstrip
J1
CDMA
L3
330 nH
C6
10 pF
50
Ω µstrip
J2
FM
C14
10 nF
C13
10 nF
P1-1
P1-3
R2
500
Ω
L4
390 nH
C9
10 nF
C10
10 nF
P1-3
C12
15 pF
C11
15 pF
T2
50
Ω µstrip
J3
OUT
L1
390 nH
2617400-
P1
1
2
3
P1-1
GC
GND
P1-3
VCC
P2
1
2
3
NC
GND
P2-1
SELECT
L2
390 nH
C5
10 nF
L5
390 nH
R3
4.7 k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com