Electronic Components Datasheet Search
  English  ▼

X  

RF2617 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2617
Description  3V CDMA/FM RECEIVE AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2617 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2617 Datasheet HTML 1Page - RF Micro Devices RF2617 Datasheet HTML 2Page - RF Micro Devices RF2617 Datasheet HTML 3Page - RF Micro Devices RF2617 Datasheet HTML 4Page - RF Micro Devices RF2617 Datasheet HTML 5Page - RF Micro Devices RF2617 Datasheet HTML 6Page - RF Micro Devices RF2617 Datasheet HTML 7Page - RF Micro Devices RF2617 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
10-17
10
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CDMA+
CDMA-
GND
FM+
FM-
GND
IN SELECT
NC
GC
VCC
VCC
VCC
GND
GND
OUT+
OUT-
GAIN
CONTROL
IN
SEL.
RF2617
3V CDMA/FM RECEIVE AGC AMPLIFIER
• 3V CDMA/FM Cellular Systems
• Supports Dual-Mode AMPS/CDMA
• Supports Dual-Mode TACS/CDMA
• General Purpose Linear IF Amplifier
• Commercial and Consumer Systems
• Portable Battery Powered Equipment
The RF2617 is a complete AGC amplifier designed for
the receive section of 3V dual-mode CDMA/FM cellular
applications. It is designed to amplify IF signals while pro-
viding more than 90dB of gain control range. Noise Fig-
ure, IP3, and other specifications are designed to be
compatible with the IS-95 Interim Standard for CDMA cel-
lular communications. This circuit is designed as part of
the RFMD CDMA Chip Set, consisting of a Transmit IF
AGC Amp, a Transmit Upconverter, a Receive LNA/Mixer,
and this Receive IF AGC Amp. The IC is manufactured on
an advanced high frequency Silicon Bipolar process, and
is packaged in a standard miniature 16-lead plastic SSOP
package.
• Supports Dual Mode Operation
• -48dB to +48dB Gain Control Range
• Single 3V Power Supply
• Digitally Selectable Inputs
• -2dBm Input IP3
• 12MHz to 285MHz Operation
RF2617
3V CDMA/FM Receive AGC Amplifier
RF2617 PCBA
Fully Assembled Evaluation Board
10
Rev B4 010717
0.157
0.150
0.025
0.012
0.008
0.196
0.189
0.2440
0.2284
0.0688
0.0532
0.050
0.016
0.0098
0.0075
8° MAX
0°MIN
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding mold flash.
3. Lead coplanarity - 0.005 with respect to datum "A".
-A-
0.0098
0.0040
Package Style: SSOP-16


Similar Part No. - RF2617

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2619 RFMD-RF2619 Datasheet
114Kb / 8P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
More results

Similar Description - RF2617

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2619 RFMD-RF2619 Datasheet
114Kb / 8P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2629 RFMD-RF2629 Datasheet
103Kb / 6P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
CDMA/FM RECEIVE AGC AMPLIFIER AS3802
logo
RF Micro Devices
RF2637 RFMD-RF2637_06 Datasheet
102Kb / 8P
RECEIVE AGC AMPLIFIER
RF2637 RFMD-RF2637_1 Datasheet
242Kb / 10P
RECEIVE AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com