Electronic Components Datasheet Search
  English  ▼

X  

RF2641 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2641
Description  CDMA UPCONVERTER/BPSK MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2641 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2641 Datasheet HTML 1Page - RF Micro Devices RF2641 Datasheet HTML 2Page - RF Micro Devices RF2641 Datasheet HTML 3Page - RF Micro Devices RF2641 Datasheet HTML 4Page - RF Micro Devices RF2641 Datasheet HTML 5Page - RF Micro Devices RF2641 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6-42
RF2641
Rev A5 010720
6
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.0
VDC
Input RF Power
+3
dBm
Operating Ambient Temperature
-30 to +80
°C
Storage Temperature
-30 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=3.0V, IF=130MHz
RF Output Frequency Range
500 to 2500
MHz
Conversion Gain
5
7
dB
RF out= 836MHz, LO= -3dBm @960MHz
4
dB
RF out= 1880MHz, LO= -3dBm @2010MHz
Noise Figure
10
dB
RF out= 836MHz
11
dB
RF out=1880MHz
Output IP3
+3
+5.5
dBm
PIN=-18dBm per Tone, RF out=836MHz
+4
PIN=-18dBm per Tone, RF out=1880MHz
Spurious Product Rejection
30
dBc
Referenced to RF output
IF Input
IF Frequency
DC to 300
MHz
Differential Input Impedance
260
IF to RF Output Isolation
30
dB
IF to LO Isolation
30
dB
LO Input
LO Frequency Range
300 to 2700
MHz
LO Level
-6 to 0
dBm
LO to RF Output Leakage
-15
-20
dBm
RF to LO Isolation
30
dB
LO Input VSWR
2:1
50
Power Supply
Voltage
2.7 to 3.3
V
Current Consumption
13
16
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com