Electronic Components Datasheet Search
  English  ▼

X  

RF2641 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2641
Description  CDMA UPCONVERTER/BPSK MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2641 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2641 Datasheet HTML 1Page - RF Micro Devices RF2641 Datasheet HTML 2Page - RF Micro Devices RF2641 Datasheet HTML 3Page - RF Micro Devices RF2641 Datasheet HTML 4Page - RF Micro Devices RF2641 Datasheet HTML 5Page - RF Micro Devices RF2641 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6-41
6
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
IF-
IF+
BYP
LO-
RF OUT
VCC
GND
LO+
RF2641
CDMA UPCONVERTER/BPSK MODULATOR
• PCS/Cellular CDMA Systems
• PHS 1500/ WLAN 2400 Systems
• General Purpose Upconverter
• BPSK Modulation
• Micro-Cell PCS Base Stations
• Portable Battery-Powered Equipment
The RF2641 is a complete upconverter designed for cel-
lular and PCS applications. This device may also be used
to directly BPSK modulate a carrier. The unit operates at
3.0V and is designed as part of the RFMD PCS/Cellular
CDMA Chip Set, consisting of a Transmit IF AGC Amp,
this Transmit Upconverter, a Receive LNA/Mixer, and a
Receive IF AGC Amp.
• Supports Dual Mode Operation
• +5.5dBm Output Intercept Point
• 7dB Conversion Gain (836MHz)
• Single 3.0V Power Supply
• Miniature 8 Pin Package
• Double-Balanced Mixer
RF2641
CDMA Upconverter/BPSK Modulator
RF2641 PCBA
Fully Assembled Evaluation Board
6
Rev A5 010720
NOTES:
1. Shaded lead is pin 1.
2. All dimensions are exclusive of
flash, protrusions or burrs.
3. Lead coplanarity: 0.002 with
respect to datum "A".
0.012
6° MAX
0° MIN
0.021
+0.004
0.006
+0.002
0.192
+ 0.008
0.0256
0.118
+0.004 sq.
0.006
+0.003
0.034
-A-
Package Style: MSOP-8


Similar Part No. - RF2641

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2640 RFMD-RF2640 Datasheet
102Kb / 6P
3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER
RF2642 RFMD-RF2642 Datasheet
155Kb / 8P
3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
190Kb / 10P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642PCBA-41X RFMD-RF2642PCBA-41X Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
More results

Similar Description - RF2641

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2608 RFMD-RF2608 Datasheet
46Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2628 RFMD-RF2628 Datasheet
60Kb / 6P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF9908 RFMD-RF9908 Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF9938 RFMD-RF9938 Datasheet
46Kb / 4P
PCS UPCONVERTER/BPSK MODULATOR
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
Motorola, Inc
MRFIC1884 MOTOROLA-MRFIC1884 Datasheet
52Kb / 4P
Dual-Band CDMA Upconverter
logo
RF Micro Devices
RF2638 RFMD-RF2638_06 Datasheet
170Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
Linear Technology
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
UPCONVERTER MODULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com