Electronic Components Datasheet Search
  English  ▼

X  

RF2641 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2641
Description  CDMA UPCONVERTER/BPSK MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2641 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2641 Datasheet HTML 1Page - RF Micro Devices RF2641 Datasheet HTML 2Page - RF Micro Devices RF2641 Datasheet HTML 3Page - RF Micro Devices RF2641 Datasheet HTML 4Page - RF Micro Devices RF2641 Datasheet HTML 5Page - RF Micro Devices RF2641 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6-45
RF2641
Rev A5 010720
6
Evaluation Board Schematic
PCS Board
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Schematic
Cellular Board
1
2
3
4
8
7
6
5
C6
1.5 pF
50
Ωµstrip
J3
RF OUT
L2
2.7 nH
VCC
C7
10 nF
C1
10 nF
C4
12 pF
C3
12 pF
50
Ωµstrip
J1
LO
C2
1nF
T1
T4-1
L1
270 nH
C2
1nF
50
Ωµstrip
J2
IF IN
2641400, R-
PCS Board
P1-1
P1
1
2
3
VCC
GND
1
2
3
4
8
7
6
5
C6
2pF
50
Ωµstrip
J3
RF OUT
L2
12 nH
VCC
C7
10 nF
C1
10 nF
C4
12 pF
C3
12 pF
50
Ωµstrip
J1
LO
C2
1nF
T1
T4-1
L1
270 nH
C2
1nF
50
Ωµstrip
J2
IF IN
2641401, R-
Cellular Board
P1-1
P1
1
2
3
VCC
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com