Electronic Components Datasheet Search
  English  ▼

X  

RF2642 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2642
Description  3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2642 Datasheet(HTML) 8 Page - RF Micro Devices

  RF2642 Datasheet HTML 1Page - RF Micro Devices RF2642 Datasheet HTML 2Page - RF Micro Devices RF2642 Datasheet HTML 3Page - RF Micro Devices RF2642 Datasheet HTML 4Page - RF Micro Devices RF2642 Datasheet HTML 5Page - RF Micro Devices RF2642 Datasheet HTML 6Page - RF Micro Devices RF2642 Datasheet HTML 7Page - RF Micro Devices RF2642 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Preliminary
6-56
RF2642
Rev A2 010720
6
LO to RF Leakage for Upconverter Mixer Alone
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
LO Drive (dBm)
ACPR1 and ACPR2 versus LO Drive at VCC=3.0V
for Upconverter + PA Driver at High Gain Mode
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
LO Drive (dBm)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
ACPR2, 1.98 MHz (dBc)
ACPR1, 880KHz (dBc)
Gain and Noise Figure versus LO Drive at VCC=3.0V
for Upconverter + PA Driver at High Gain Mode
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
LO Drive (dBm)
Gain (dB)
Noise Figure (dB)
Gain and Noise Figure versus LO Drive at VCC=3.0V
for Upconverter + PA Driver at Low Gain Mode
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
LO Drive (dBm)
Gain (dB)
Noise Figure (dB)
Output IP3 versus Drive Level at VCC=3.0V
for Upconverter + PA Driver at Low Gain Mode
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
LO Drive (dBm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com