Electronic Components Datasheet Search
  English  ▼

X  

RF2642 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2642
Description  3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2642 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2642 Datasheet HTML 1Page - RF Micro Devices RF2642 Datasheet HTML 2Page - RF Micro Devices RF2642 Datasheet HTML 3Page - RF Micro Devices RF2642 Datasheet HTML 4Page - RF Micro Devices RF2642 Datasheet HTML 5Page - RF Micro Devices RF2642 Datasheet HTML 6Page - RF Micro Devices RF2642 Datasheet HTML 7Page - RF Micro Devices RF2642 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6-49
6
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
8
7
6
1
16
15
14
13
9
5
10
IF-
11
IF+
12
GND
2
RF OUT
3
RF GND2
4
RF GND1
Logic
Control
RF2642
3V 900MHZ UPCONVERTER/
DRIVER AMPLIFIER WITH BYPASS MODE
• CDMA/AMPS Cellular Systems
• TDMA/AMPS Cellular Systems
• General Purpose Upconverter/Driver
• Portable Battery-Powered Equipment
The RF2642 is a complete upconverter and power ampli-
fier driver designed for CDMA applications. The design
features driver amplifier high and low gain states. In the
low gain state, the gain is adjustable and the device
draws less current. The upconverter is always on. The
power down mode turns off the driver amplifier. The
device features balanced IF inputs, single-ended LO
input and RF output for ease of interface. Packaged in an
industry standard 4mmx4mm, 16-pin, leadless chip car-
rier, the device provides a low-cost solution while easing
board space limitations.
• Single Supply 3.0V Operation
• Step Gain Control
• Power Down Control
• ACPR1=61dBc@885kHz with
POUT=+5dBm
• Small Leadless LCC 16-Pin Package
RF2642
3V 900MHz Upconverter/ Driver Amplifier with
Bypass Mode
RF2642 PCBA
Fully Assembled Evaluation Board
6
Rev A2 010720
3.75
3.75
+
1.50 SQ
4.00
4.00
1
0.45
0.28
3.20
1.60
0.75
0.50
12°
INDEX AREA 3
1.00
0.90
0.75
0.65
0.05
0.00
NOTES:
5
Package Warpage: 0.05 max.
4
Pins 1 and 9 are fused.
Shaded Pin is Lead 1.
1
Dimension applies to plated terminal and is measured between
0.10 mm and 0.25 mm from terminal tip.
2
The terminal #1 identifier and terminal numbering convention
shall conform to JESD 95-1 SPP-012. Details of terminal #1
identifier are optional, but must be located within the zone
indicated. The identifier may be either a mold or marked
feature.
3
0.80
TYP
2
1
Dimensions in mm.
Package Style: LCC, 16-Pin, 4x4


Similar Part No. - RF2642

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2642 RFMD-RF2642 Datasheet
190Kb / 10P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642PCBA-41X RFMD-RF2642PCBA-41X Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642PCBA41X RFMD-RF2642PCBA41X Datasheet
190Kb / 10P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642_06 Datasheet
190Kb / 10P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
More results

Similar Description - RF2642

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2640 RFMD-RF2640 Datasheet
102Kb / 6P
3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER
RF2643 RFMD-RF2643 Datasheet
375Kb / 16P
3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF2642 RFMD-RF2642_06 Datasheet
190Kb / 10P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642_1 Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com