Electronic Components Datasheet Search
  English  ▼

X  

RF2667 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2667
Description  RECEIVE AGC AND DEMODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2667 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2667 Datasheet HTML 1Page - RF Micro Devices RF2667 Datasheet HTML 2Page - RF Micro Devices RF2667 Datasheet HTML 3Page - RF Micro Devices RF2667 Datasheet HTML 4Page - RF Micro Devices RF2667 Datasheet HTML 5Page - RF Micro Devices RF2667 Datasheet HTML 6Page - RF Micro Devices RF2667 Datasheet HTML 7Page - RF Micro Devices RF2667 Datasheet HTML 8Page - RF Micro Devices RF2667 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
7-2
RF2667
Rev A14 010622
7
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5
VDC
Power Down Voltage (VPD)
-0.5toVCC+0.7
VDC
Input RF Power
+3
dBm
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (Cascaded)
T=25 °C, VCC=3.0V, ZLOAD=5kΩ,
LO= 170MHz @400mVPP,IF Freq=85MHz,
ZS=500Ω (CDMA), ZS=850Ω (FM)
Maximum Gain
+45
+50
dB
VGC=2.5V, FM or CDMA Input, Balanced
Minimum Gain
-55
-50
dB
VGC=0.5V, FM or CDMA Input, Balanced
Gain Variation
-3
+3
dB
T = -20°C to +85°C, Ref = 25°C
Input IP3
-54
-50
dBm
VGC=2.5V, Maximum Gain
-7
-4
dBm
VGC=0.5V, Minimum Gain
-39
-36
dBm
Gain = 35 dB, PIN=-61dBm
Noise Figure
5
8
dB
VGC=2.5V, Maximum Gain
70
77
dB
VGC=0.5V, Minimum Gain
IF Input Frequency Range
50
70 to 230
250
MHz
IF Input Impedance
2040
2400
2760
FM or CDMA, Balanced
1020
1200
1380
FM or CDMA, Single-ended
I/Q Frequency Range
0
50
MHz
I/Q Amplitude Balance
0.1
0.5
dB
I/Q Phase Balance
1
5
deg
Max I/Q Output Voltage
2.0
2.4
VPP
Balanced, maximum output level
I/Q Output Impedance
1020
1200
1380
Single-ended
2040
2400
2760
Balanced
I/Q DC Output
2.0
VDC
Common Mode
I/Q DC Offset
20
mVDC
IOUT+ toIOUT-;QOUT+ toQ OUT-
LO Input Frequency Range
100
140 to 460
600
MHz
LO Input Level
60
400
600
mVPP
Balanced
LO Input Impedance
680
800
920
Balanced
340
400
460
Single Ended
Power Supply
Supply Voltage
2.7
3.0
3.3
V
Current Consumption
20
23
mA
CDMA Mode
20
23
mA
FM Mode
Power Down Current
20
µA
VPD HIGH Voltage
VCC-0.7
V
VPD LOW Voltage
0.5
V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com