Electronic Components Datasheet Search
  English  ▼

X  

RF2667 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2667
Description  RECEIVE AGC AND DEMODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2667 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2667 Datasheet HTML 2Page - RF Micro Devices RF2667 Datasheet HTML 3Page - RF Micro Devices RF2667 Datasheet HTML 4Page - RF Micro Devices RF2667 Datasheet HTML 5Page - RF Micro Devices RF2667 Datasheet HTML 6Page - RF Micro Devices RF2667 Datasheet HTML 7Page - RF Micro Devices RF2667 Datasheet HTML 8Page - RF Micro Devices RF2667 Datasheet HTML 9Page - RF Micro Devices RF2667 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
7-6
RF2667
Rev A14 010622
7
RF2667 Pin-Out
Application Schematic
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC1
VCC2
VCC3
CDMA IN+
CDMA IN-
GND
GND
FM IN+
FM IN-
BG OUT
DEC
LO-
PD
GC
I OUT-
I OUT+
GND
FL+
FL-
GND
Q OUT+
Q OUT-
IN SEL
LO+
CDMA IN+
CDMA IN-
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC1
VCC2
VCC3
CDMA IN+
CDMA IN-
GND
GND
FM IN+
FM IN-
BG OUT
DEC
LO-
PD
GC
I OUT-
I OUT+
GND
FL+
FL-
GND
Q OUT+
Q OUT-
IN SEL
LO+
10 nF
680
CDMA
SAW Filter
V
CC
10 nF
10 nF
10 nF
10 nF
FM IN+
1nF
LO IN
Input Select
100 pF
100 nF
100 nF
Q OUT-
Q OUT+
100 nF
I OUT-
100 nF
I OUT+
7pF
7pF
390 nH
390 nH
V
CC
10 nF
Gain Control
10 nF
37 k
Power Down
100 pF
1nF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com