Electronic Components Datasheet Search
  English  ▼

X  

RF2667 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2667
Description  RECEIVE AGC AND DEMODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2667 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2667 Datasheet HTML 1Page - RF Micro Devices RF2667 Datasheet HTML 2Page - RF Micro Devices RF2667 Datasheet HTML 3Page - RF Micro Devices RF2667 Datasheet HTML 4Page - RF Micro Devices RF2667 Datasheet HTML 5Page - RF Micro Devices RF2667 Datasheet HTML 6Page - RF Micro Devices RF2667 Datasheet HTML 7Page - RF Micro Devices RF2667 Datasheet HTML 8Page - RF Micro Devices RF2667 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
7-1
7
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
Quad.
÷2
Input
Select
Gain
Control
Band Gap
Reference
19
4
5
8
9
CDMA IN+
CDMA IN-
FM IN+
FM IN-
23
10
24
14
IN SEL
18
Q OUT+
I OUT+
Q OUT-
13
12
LO+
LO-
16
15
21
22 I OUT-
RF2667
RECEIVE AGC AND DEMODULATOR
• CDMA/FM Cellular Systems
• CDMA PCS Systems
• GSM/DCS Systems
• TDMA Systems
• Spread-Spectrum Cordless Phones
• Wireless Local Loop Systems
The RF2667 is an integrated complete IF AGC amplifier
and quadrature demodulator developed for the receive
section of dual-mode CDMA/FM cellular and PCS appli-
cations and for GSM/DCS and TDMA systems. It is
designed to amplify received IF signals, while providing
100dB of gain control range, and demodulate to base-
band I and Q signals. Noise figure, IP3, and other specifi-
cations are designed to be compatible with the IS-98, and
J-STD-018 Interim Standard for CDMA cellular communi-
cations. This circuit is part of the RFMD line of complete
solutions for digital radio applications. The IC is manufac-
turedonanadvanced15GHz FT Silicon Bipolar process,
and is packaged in a standard miniature 24-lead plastic
QSOP package.
• Similar to RF9957with Higher I/Q Output
Voltage
• Supports Dual Mode Operation
• Digitally Controlled Power Down Mode
• 2.7V to 3.3V Operation
• IF AGC Amp with 100dB Gain Control
RF2667
Receive AGC and Demodulator
RF2667 PCBA
Fully Assembled Evaluation Board
7
Rev A14 010622
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding mold flash.
3. Lead coplanarity: 0.005 with respect to datum "A".
Dimensions in inches.
0.2440
0.2284
0.344
0.337
0.157
0.150
0.012
0.008
0.025
0.0098
0.0040
-A-
0.0688
0.0532
0.0098
0.0075
0.050
0.016
8° MAX
0° MIN
Package Style: QSOP-24


Similar Part No. - RF2667

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
More results

Similar Description - RF2667

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2689 RFMD-RF2689 Datasheet
383Kb / 20P
W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
W-CDMA RECEIVE AGC AND DEMODULATOR
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
logo
Intersil Corporation
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
400MHz AGC and Quadrature IF Demodulator
July 1999
logo
RF Micro Devices
RF2637 RFMD-RF2637 Datasheet
1,021Kb / 8P
RECEIVE AGC AMPLIFIER
logo
Intersil Corporation
HFA3765 INTERSIL-HFA3765 Datasheet
658Kb / 6P
AGC and Quadrature IF Demodulator
February 1998
logo
RF Micro Devices
RF2637 RFMD-RF2637_06 Datasheet
102Kb / 8P
RECEIVE AGC AMPLIFIER
RF2637 RFMD-RF2637_1 Datasheet
242Kb / 10P
RECEIVE AGC AMPLIFIER
RF2637 RFMD-RF2637_13 Datasheet
194Kb / 9P
RECEIVE AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com