Electronic Components Datasheet Search
  English  ▼

X  

RF2690 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2690
Description  W-CDMA RECEIVE AGC AND DEMODULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2690 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2690 Datasheet HTML 1Page - RF Micro Devices RF2690 Datasheet HTML 2Page - RF Micro Devices RF2690 Datasheet HTML 3Page - RF Micro Devices RF2690 Datasheet HTML 4Page - RF Micro Devices RF2690 Datasheet HTML 5Page - RF Micro Devices RF2690 Datasheet HTML 6Page - RF Micro Devices RF2690 Datasheet HTML 7Page - RF Micro Devices RF2690 Datasheet HTML 8Page - RF Micro Devices RF2690 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary
7-41
RF2690
Rev A4 010918
7
1Bondout option available for 15.36MHz, 18MHz and 19MHz.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Auto Calibration
FCLK Input Frequency
1
13
MHz
FCLK Signal Level
0.4
1.0
VP-P
FCLK Pin Input Impedance
20
k
Single-ended.
Calibration Time
200
us
Current, Auto Cal.
1
mA
Disabled after calibration.
Current, Once Auto Cal Finished
1
uA
CALEN
TBD
DC Specifications
Supply Voltage
2.7
3.0
3.3
V
Current Consumption
Power Down
<1
µA
W-CDMA Warm-up
5
mA
W-CDMA
8
mA
Logic Levels
VEN High Voltage
1.8
VCC
V
VEN Low Voltage
0
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com