Electronic Components Datasheet Search
  English  ▼

X  

RF2690 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2690
Description  W-CDMA RECEIVE AGC AND DEMODULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2690 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2690 Datasheet HTML 1Page - RF Micro Devices RF2690 Datasheet HTML 2Page - RF Micro Devices RF2690 Datasheet HTML 3Page - RF Micro Devices RF2690 Datasheet HTML 4Page - RF Micro Devices RF2690 Datasheet HTML 5Page - RF Micro Devices RF2690 Datasheet HTML 6Page - RF Micro Devices RF2690 Datasheet HTML 7Page - RF Micro Devices RF2690 Datasheet HTML 8Page - RF Micro Devices RF2690 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
7-39
7
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
7
Gain
Control
Div
4
I/Q
Cal
Mode Control
&Biasing
8
4
W-CDMA IN+
2
NC
6
20
1
17
14 I OUT+
15 ENCAL
16 FCLK
11 Q OUT-
19 VREF2V
10
3
NC
5
W-CDMA IN-
9
12 Q OUT+
13 I OUT-
18
RF2690
W-CDMA RECEIVE AGC
AND DEMODULATOR
• W-CDMA Systems
The RF2690 is an integrated complete IF AGC amplifier
and quadrature demodulator designed for the receive
section of W-CDMA applications. It is designed to amplify
received IF signals, while providing 70 dB of gain control
range, a total of 90dB gain, and demodulation to base-
band I and Q signals. This circuit is designed as part of
RFMD’s single mode W-CDMA chipset, which includes
the RF9678 as modulator and IF AGC and the RF2638 as
upconvertor. The IC is manufactured on an advanced
25GHz FT Silicon Bi-CMOS process, and is packaged in
a 20-pin, 4mmx4mm, leadless chip carrier.
• Digitally Controlled Power Down Mode
• 2.7V to 3.3V Operation
• Digital LO Quadrature Divide-by-4
• IF AGC Ampwith70dBGainControl
• 80dB Maximum Voltage Gain
RF2690
W-CDMA Receive AGC and Demodulator
RF2690 PCBA
Fully Assembled Evaluation Board
7
Rev A4 010918
1.00
0.90
4.00
sq.
0.60
0.24 typ
3
0.20
0.75
0.50
0.23
0.13
4PLCS
0.50
2.10
sq.
0.65
0.30
4PLCS
0.05
12°
MAX
Dimensions in mm.
Note orientation of package.
NOTES:
Package Warpage: 0.05 mm max.
4
Die Thickness Allowable: 0.305 mm max.
5
Pin 1 identifier must exist on top surface of package by identification
mark or feature on the package body. Exact shape and size is optional.
2
Shaded lead is Pin 1.
1
Dimension applies to plated terminal: to be measured between 0.02 mm
and 0.25 mm from terminal end.
3
Package Style: LCC, 20-Pin, 4x4


Similar Part No. - RF2690

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF26-01-T-00-50-G ADAM-TECH-RF26-01-T-00-50-G Datasheet
82Kb / 1P
BULKHEAD ANGLE JACK
RF26-05-00-50-T ADAM-TECH-RF26-05-00-50-T Datasheet
67Kb / 1P
SMB CONNECTOR
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
GAIN CONTROLLED IF AMPLIFIER
RF2603 RFMD-RF2603 Datasheet
120Kb / 6P
2.8V PCS UPCONVERTER
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
More results

Similar Description - RF2690

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
3V CDMA/FM RECEIVE AGC AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2667 RFMD-RF2667 Datasheet
129Kb / 10P
RECEIVE AGC AND DEMODULATOR
RF2689 RFMD-RF2689 Datasheet
383Kb / 20P
W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
logo
ams AG
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
CDMA/FM RECEIVE AGC AMPLIFIER AS3802
logo
NEC
UPC8190K NEC-UPC8190K Datasheet
58Kb / 5P
RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
California Eastern Labs
UPC8190K CEL-UPC8190K Datasheet
203Kb / 6P
RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
UPC8194K CEL-UPC8194K Datasheet
207Kb / 7P
RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com