Electronic Components Datasheet Search
  English  ▼

X  

RF3330 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3330
Description  IF GAIN CONTROLLED AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3330 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3330 Datasheet HTML 1Page - RF Micro Devices RF3330 Datasheet HTML 2Page - RF Micro Devices RF3330 Datasheet HTML 3Page - RF Micro Devices RF3330 Datasheet HTML 4Page - RF Micro Devices RF3330 Datasheet HTML 5Page - RF Micro Devices RF3330 Datasheet HTML 6Page - RF Micro Devices RF3330 Datasheet HTML 7Page - RF Micro Devices RF3330 Datasheet HTML 8Page - RF Micro Devices RF3330 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary
3-3
RF3330
Rev A2 010820
3
Pin
Function
Description
Interface Schematic
1VCC
Supply Voltage
2GND
Supply Ground
3VOUT
Output pin.
4VOUTB
Complementary output pin.
5VAGC
AGC control voltage.
6VINB
Complementary input pin. This should be externally AC-coupled to sig-
nal source.
7VIN
Input pin. This should be externally AC-coupled to signal source.
8VCC
Supply Voltage
OUT
OUTB
OUT
OUTB
10 k
Ω
VREF
100 k
Ω
VAGC
75
1k
Ω
VBIAS
INB
1k
Ω
VBIAS
IN
75
1k
Ω
VBIAS
INB
1k
Ω
VBIAS
IN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com