Electronic Components Datasheet Search
  English  ▼

X  

RF3330 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3330
Description  IF GAIN CONTROLLED AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3330 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3330 Datasheet HTML 2Page - RF Micro Devices RF3330 Datasheet HTML 3Page - RF Micro Devices RF3330 Datasheet HTML 4Page - RF Micro Devices RF3330 Datasheet HTML 5Page - RF Micro Devices RF3330 Datasheet HTML 6Page - RF Micro Devices RF3330 Datasheet HTML 7Page - RF Micro Devices RF3330 Datasheet HTML 8Page - RF Micro Devices RF3330 Datasheet HTML 9Page - RF Micro Devices RF3330 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Preliminary
3-9
RF3330
Rev A2 010820
3
IIP3 versus Gain
VCC=5.0V, F=50MHz
35.0
40.0
45.0
50.0
55.0
60.0
65.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
Gain (dB)
-40°C
+25°C
+85°C
Gain versus VGC
VCC=5.0V, F=50MHz
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VGC (V)
-40°C
+25°C
+85°C
IIP3 versus VGC
VCC=5.0V, F=50MHz
40.0
45.0
50.0
55.0
60.0
65.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VGC (V)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com