Electronic Components Datasheet Search
  English  ▼

X  

RF3330 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3330
Description  IF GAIN CONTROLLED AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3330 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3330 Datasheet HTML 1Page - RF Micro Devices RF3330 Datasheet HTML 2Page - RF Micro Devices RF3330 Datasheet HTML 3Page - RF Micro Devices RF3330 Datasheet HTML 4Page - RF Micro Devices RF3330 Datasheet HTML 5Page - RF Micro Devices RF3330 Datasheet HTML 6Page - RF Micro Devices RF3330 Datasheet HTML 7Page - RF Micro Devices RF3330 Datasheet HTML 8Page - RF Micro Devices RF3330 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary
3-5
RF3330
Rev A2 010820
3
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
Note orientation of board.
C1
100 pF
C9
100 pF
C2
100 nF
C3
3.3
µF
+
R6
5.1 k
Ω
C6
33 nF
C7
100 nF
C8
100 nF
50
Ωµstrip
J2
VIN
(BAL)
50
Ωµstrip
J3
VIN
(BAL)
R3
51
Ω
R2
470
Ω
R4
470
Ω
R1*
DNI
C4*
DNI
50
Ωµstrip
J5
VOUT
(BAL)
R5*
DNI
C5*
DNI
50
Ωµstrip
J4
VOUT
(UNBAL)
AGC
3330410-
NOTES:
1. C3, Tantulum Capacitor: Case Size Y, 6.3 V.
2. See Evaluation Test Procedure for more information.
3. Parts with * following the reference designator should not be populated on the evaluation board.
4
3
2
1
8
7
6
5
Biasing &
AGC
Control
VCC
F1*
50
Ωµstrip
J1
VIN
(UNBAL)
T1
TTWB
1010-1
1
2
3
6
5
4
P1
1
2
3
4
HEADER4
GND
P1-3
AGC
GND
P1-1
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com