Electronic Components Datasheet Search
  English  ▼

X  

RF9957 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF9957
Description  CDMA/FM RECEIVE AGC AND DEMODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9957 Datasheet(HTML) 2 Page - RF Micro Devices

  RF9957 Datasheet HTML 1Page - RF Micro Devices RF9957 Datasheet HTML 2Page - RF Micro Devices RF9957 Datasheet HTML 3Page - RF Micro Devices RF9957 Datasheet HTML 4Page - RF Micro Devices RF9957 Datasheet HTML 5Page - RF Micro Devices RF9957 Datasheet HTML 6Page - RF Micro Devices RF9957 Datasheet HTML 7Page - RF Micro Devices RF9957 Datasheet HTML 8Page - RF Micro Devices RF9957 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
7-28
RF9957
Rev C11 010622
7
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5
VDC
Power Down Voltage (VPD)
-0.5toVCC+0.7
VDC
Input RF Power
+3
dBm
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (Cascaded)
T=25 °C, VCC=3.0V, ZLOAD=5kΩ,
LO= 170MHz @400mVPP,IF Freq=85MHz,
ZS=500Ω (CDMA), ZS=850Ω (FM)
Maximum Gain
+45
+50
dB
VGC=2.5V, FM or CDMA Input, Balanced
Minimum Gain
-55
-50
dB
VGC=0.5V, FM or CDMA Input, Balanced
Gain Variation vs. VCC and T
-3
+3
dB
VCC=2.7V to 3.3V and T=-30°C to +85°C
Input IP3
-50
dBm
VGC=2.5V, Maximum Gain
-39
-36
dBm
Gain = 35 dB, PIN=-61dBm
-4
dBm
VGC=0.5V, Minimum Gain
Noise Figure
5
dB
VGC=2.5V, Maximum Gain
70
dB
VGC=0.5V, Minimum Gain
IF Input Frequency Range
50 to 250
MHz
IF Input Impedance
2040
2400
2760
FM or CDMA, Balanced
1020
1200
1380
FM or CDMA, Single Ended
I/Q Frequency Range
0 to 50
MHz
I/Q Amplitude Balance
0.1
0.5
dB
I/Q Phase Balance
1
5
deg
Max I/Q Output Voltage
500
mVPP
Balanced, maximum output level
I/Q DC Output
2.0
VDC
Common Mode
I/Q DC Offset
5
20
mVDC
IOUT+ toIOUT-;QOUT+ toQ OUT-
LO Input Frequency Range
100 to 500
MHz
LO Input Level
60 to 600
mVPP
Balanced
LO Input Impedance
680
800
920
Balanced
340
400
460
Single Ended
Power Supply
Supply Voltage
2.7
3.0
3.3
VDC
Current Consumption
14.5
18
mA
CDMA Mode
12.5
16
mA
FM Mode
10
µA
Sleep Mode (PD
≤ 0.5V)
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com