Electronic Components Datasheet Search
  English  ▼

X  

RF9957 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF9957
Description  CDMA/FM RECEIVE AGC AND DEMODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9957 Datasheet(HTML) 1 Page - RF Micro Devices

  RF9957 Datasheet HTML 1Page - RF Micro Devices RF9957 Datasheet HTML 2Page - RF Micro Devices RF9957 Datasheet HTML 3Page - RF Micro Devices RF9957 Datasheet HTML 4Page - RF Micro Devices RF9957 Datasheet HTML 5Page - RF Micro Devices RF9957 Datasheet HTML 6Page - RF Micro Devices RF9957 Datasheet HTML 7Page - RF Micro Devices RF9957 Datasheet HTML 8Page - RF Micro Devices RF9957 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
7-27
7
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
Quad.
÷2
Input
Select
Gain
Control
Band Gap
Reference
19
4
5
8
9
CDMA IN+
CDMA IN-
FM IN+
FM IN-
23
10
24
14
IN SEL
18
Q OUT+
I OUT+
Q OUT-
13
12
LO+
LO-
16
15
21
22 I OUT-
RF9957
CDMA/FM RECEIVE AGC AND DEMODULATOR
• CDMA/FM Cellular Systems
• CDMA PCS Systems
• Wireless Local Loop Systems
• Spread-Spectrum Cordless Phones
• High Speed Data Modems
• General Purpose Digital Receivers
The RF9957 is an integrated complete IF AGC amplifier
and Quadrature Demodulator designed for the receive
section of dual-mode CDMA/FM cellular and PCS appli-
cations. It is designed to amplify received IF signals, while
providing 100dB of gain control range, and demodulate to
baseband I and Q signals. Noise Figure, IP3, and other
specifications are designed to be compatible with the IS-
98 and J-STD-018 Interim Standard for CDMA cellular
communications. The IC is manufactured on an advanced
15GHz FT Silicon Bipolar process, and is packaged in a
standard miniature 24-lead plastic SSOP package.
• Supports Dual Mode Operation (CDMA
and FM)
• Digitally Controlled Power Down Mode
• 2.7V to 3.3V Operation
• Quadrature LO Divider
• IF AGC Amp with 100dB Gain Control
RF9957
CDMA/FM Receive AGC and Demodulator
RF9957 PCBA
Fully Assembled Evaluation Board
7
Rev C11 010622
8°MAX
0°MIN
1
0.050
0.016
0.0098
0.0075
0.2440
0.2284
0.025
0.012
0.008
0.0688
0.0532
0.157
0.150
0.0098
0.0040
0.344
0.337
Package Style: SSOP-24


Similar Part No. - RF9957

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF9958PCBA RFMD-RF9958PCBA Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
More results

Similar Description - RF9957

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
3V CDMA/FM RECEIVE AGC AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2667 RFMD-RF2667 Datasheet
129Kb / 10P
RECEIVE AGC AND DEMODULATOR
RF2689 RFMD-RF2689 Datasheet
383Kb / 20P
W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
W-CDMA RECEIVE AGC AND DEMODULATOR
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
CDMA/FM RECEIVE AGC AMPLIFIER AS3802
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com