Electronic Components Datasheet Search
  English  ▼

X  

RF9957 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF9957
Description  CDMA/FM RECEIVE AGC AND DEMODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9957 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF9957 Datasheet HTML 2Page - RF Micro Devices RF9957 Datasheet HTML 3Page - RF Micro Devices RF9957 Datasheet HTML 4Page - RF Micro Devices RF9957 Datasheet HTML 5Page - RF Micro Devices RF9957 Datasheet HTML 6Page - RF Micro Devices RF9957 Datasheet HTML 7Page - RF Micro Devices RF9957 Datasheet HTML 8Page - RF Micro Devices RF9957 Datasheet HTML 9Page - RF Micro Devices RF9957 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7-33
RF9957
Rev C11 010622
7
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
C7
20 pF
P1-3
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC1
VCC2
VCC3
CDMA IN+
CDMA IN-
GND
GND
FM IN+
FM IN-
BG OUT
DEC
LO-
PD
GC
IOUT-
IOUT+
GND
FL+
FL-
GND
QOUT+
QOUT-
IN SEL
LO+
R1
680
Ω
C3
10 nF
C4
10 nF
C5
13 pF
C6
13 pF
L1
390 nH
L2
390 nH
T1
50
Ω µstrip
J1
CDMA
C1
10 nF
C2
10
µF
C6
13 pF
C8
9.1 pF
R14
3k
Ω
50
Ω µstrip
J2
FM
L3
330 nH
C9 10 nF
C10 10 nF
C11 10 nF
C12 1 nF
R2
270
Ω
1
T2
1
50
Ω µstrip
J3
LO
C13
1nF
P1-1
C26
100 nF
C19 6.8 pF
C20 6.8 pF
L4 390 nH
L5 390 nH
C27
4.6 nF
C31
100 nF
C30
100 nF
R9
820
Ω
R8
4.3 k
Ω
R12
1.6 k
Ω
R10
8.2 k
Ω
R11
51
Ω
50
Ω µstrip
J5
IOUT
P3-3
P3-1
C24
10
µF
C23
100 nF
C22
10
µF
C21
100 nF
P2-1
C28
100 nF
C29
100 nF
R4
820
Ω
R3
4.3 k
Ω
R5
1.6 k
Ω
R6
8.2 k
Ω
R7
51
Ω
50
Ω µstrip
J4
QOUT
P3-3
P3-1
C16
10
µF
C15
100 nF
C18
10
µF
C17
100 nF
P2-3
C14
100 nF
U2
CLC426/
CL
U1
9957400 Rev B
R15
1k
Ω
R13
36 k
Ω
C25
100 nF
P1-3
P1
1
2
3
P1-1
PD
GND
P1-3
VCC
P2
1
2
3
P2-1
GC
GND
P2-3
IN SEL
P3-3
-5 VDC
GND
P3-1
+5 VDC
P3
1
2
3
V
+
V-
+
-
3
2
7
4
6
CLC426/
CL
V
+
V-
+
-
3
2
7
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com