Electronic Components Datasheet Search
  English  ▼

X  

BA3430FS Datasheet(PDF) 12 Page - Rohm

Part # BA3430FS
Description  Stereo pre-amplifiers with mute detection circuits for car stereos
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3430FS Datasheet(HTML) 12 Page - Rohm

Back Button BA3430FS Datasheet HTML 6Page - Rohm BA3430FS Datasheet HTML 7Page - Rohm BA3430FS Datasheet HTML 8Page - Rohm BA3430FS Datasheet HTML 9Page - Rohm BA3430FS Datasheet HTML 10Page - Rohm BA3430FS Datasheet HTML 11Page - Rohm BA3430FS Datasheet HTML 12Page - Rohm BA3430FS Datasheet HTML 13Page - Rohm BA3430FS Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
280
Audio ICs
BA3430S / BA3430F / BA3430FS
FThermal derating curves
As the allowed power dissipation of the BA3430F /
BA3430FS is small (BA3430F = 550mW, BA3430FS =
800mW), high temperature or high current may cause
the allowed power dissipation to be exceeded. Fig. 8
shows the internal power dissipation vs. supply voltage
(Pd vs. VCC), and Fig. 9 shows the allowed power dissipa-
tion vs. ambient temperature (PdMAX. vs. Ta). Allowed
supply voltage vs. ambient temperature (VCCMAX. vs. Ta)
can be obtained from these curves, and the result is
shown in Fig. 10. Refer to Fig. 10 to set the supply voltage
when designing the application.
FElectriclal charecteristics curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com