Electronic Components Datasheet Search
  English  ▼

X  

BA3430FS Datasheet(PDF) 8 Page - Rohm

Part # BA3430FS
Description  Stereo pre-amplifiers with mute detection circuits for car stereos
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3430FS Datasheet(HTML) 8 Page - Rohm

Back Button BA3430FS Datasheet HTML 4Page - Rohm BA3430FS Datasheet HTML 5Page - Rohm BA3430FS Datasheet HTML 6Page - Rohm BA3430FS Datasheet HTML 7Page - Rohm BA3430FS Datasheet HTML 8Page - Rohm BA3430FS Datasheet HTML 9Page - Rohm BA3430FS Datasheet HTML 10Page - Rohm BA3430FS Datasheet HTML 11Page - Rohm BA3430FS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
30k
) R1 ) R2
G = 20
log
R1
) R2
(dB)
1
fL =
2
π C
(R1
) R2)
(Hz)
5.4
C
τ 1 =
I
(S)
1/2
VCC
)2.0
τ 2 = C R In
2.0
(S)
276
Audio ICs
BA3430S / BA3430F / BA3430FS
(3) Sensitivity switch amplifier
Equivalent circuit schematic
R2 is a resistor inside the IC which is 100
Ω during play-
back and 360
Ω during fast forward.
The gain of the amplifier is
The low cutoff frequency fL of the amplifier is
(4) Comparator circuit
This circuit detects the presence or not of the signal and
outputs a detection signal.
The circuit consists of two comparators. The first
comparator detects the level of the signal and the second
comparator detects the duration of the signal.
When a signal above VCC /30 (VO-P) is input, the first
comparator turns on and draws a constant current I from
the time constant pin. This causes the voltage of the time
constant pin to fall, and when it drops below VCC - 2.7(V)
the next comparator turns on, changing the mute detec-
tion output pin to low.
If the signal level drops below VCC / 30 (VO-P), the first
comparator turns off and the voltage of the time constant
pin rises due to the external discharge resistor. When this
voltage rises above VCC - 2.0(V), the next comparator
turns off, changing the mute detection output pin to high.
The time ι1 from the arrival of the signal to the changeover
of the mute detection output pin to low is given as follows:
This equation holds when the input signal is sufficiently
large.
See Fig. 20 for the small signal time
τ1.
The time
τ2 from the ceasing of the signal to the change-
over of the mute detection output pin to high is as follows:
I: Output current of first comparator = approx. 1mA
C: External capacitor connected to time constant pin
R: External resistor connected to time constant pin (this
should be 22k
Ω or higher)
Equivalent circuit schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com