Electronic Components Datasheet Search
  English  ▼

X  

BA3430FS Datasheet(PDF) 9 Page - Rohm

Part # BA3430FS
Description  Stereo pre-amplifiers with mute detection circuits for car stereos
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3430FS Datasheet(HTML) 9 Page - Rohm

Back Button BA3430FS Datasheet HTML 5Page - Rohm BA3430FS Datasheet HTML 6Page - Rohm BA3430FS Datasheet HTML 7Page - Rohm BA3430FS Datasheet HTML 8Page - Rohm BA3430FS Datasheet HTML 9Page - Rohm BA3430FS Datasheet HTML 10Page - Rohm BA3430FS Datasheet HTML 11Page - Rohm BA3430FS Datasheet HTML 12Page - Rohm BA3430FS Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
277
Audio ICs
BA3430S / BA3430F / BA3430FS
5) Gain settings for the mute detection circuit
The gain settings for the mute detection circuit are shown below. The reference voltage of the comparator circuit is set
at VCC / 30.
As an example, when VCC = 9V and f = 5kHz, the mute
detection level during playback is obtained as follows:
a. The reference voltage of the comparator circuit is V =
VCC / 30 = 0.3V, therefore, the circuit will operate at an AC
input of 0.3 / 2Vrms =
*13.5dBV or more.
b. From the above chart, the gain at 5kHz during play-
back is 80dB.
c. Therefore, the output / input level of mute detection is
*13.5 * 80 = *93.5dBV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com